Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7833-TA3-I-T Datasheet(PDF) 8 Page - Unisonic Technologies

Part # LM7833-TA3-I-T
Description  3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM7833-TA3-I-T Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button LM7833-TA3-I-T Datasheet HTML 2Page - Unisonic Technologies LM7833-TA3-I-T Datasheet HTML 3Page - Unisonic Technologies LM7833-TA3-I-T Datasheet HTML 4Page - Unisonic Technologies LM7833-TA3-I-T Datasheet HTML 5Page - Unisonic Technologies LM7833-TA3-I-T Datasheet HTML 6Page - Unisonic Technologies LM7833-TA3-I-T Datasheet HTML 7Page - Unisonic Technologies LM7833-TA3-I-T Datasheet HTML 8Page - Unisonic Technologies LM7833-TA3-I-T Datasheet HTML 9Page - Unisonic Technologies LM7833-TA3-I-T Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LM78XX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 10
www.unisonic.com.tw
QW-R101-006,J
ELECTRICAL CHARACTERISTICS(Cont.)
For UTC LM7818
(VIN =27V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ =25°C, IOUT=5mA - 1.0A
17.28 18.0
18.72
V
Output Voltage
VOUT
VIN =21V ~ 33V,
IOUT=5mA - 1.0A, PD 15W
17.10
18.90
V
Dropout Voltage
VD
TJ =25°C
2.0
V
TJ =25°C,IOUT=5mA - 1.0A
180
mV
Load Regulation
ΔVOUT
TJ =25°C,IOUT=0.25A - 0.75A
90
mV
VIN =21V ~ 33V,Tj=25°C
180
mV
Line regulation
ΔVOUT
VIN =21V ~ 33V,
TJ =25°C, IOUT =1.0A
180
mV
Quiescent Current
IQ
TJ =25°C, IOUT 1.0A
8.0
mA
VIN =21.5V ~ 33V
1.0
mA
Quiescent Current Change
ΔIQ
IOUT=5mA - 1.0A
0.5
mA
Output Noise Voltage
eN
10Hz f 100kHz
≦≦
110
μV
Temperature Coefficient of Vo
ΔVo/ΔT
IOUT=5mA
-2.2
mV/
°C
Ripple Rejection
RR
VIN =22V - 32V,f=120Hz, TJ =25°C
53
69
dB
Peak Output Current
IPEAK
TJ =25°C
1.8
A
Short-Circuit Current
ISC
VIN =35V, TJ =25°C
250
mA
For UTC LM7824
(VIN =33V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ =25°C, IOUT=5mA - 1.0A
23.04 24.0
24.96
V
Output Voltage
VOUT
VIN =27V ~ 38V,
IOUT=5mA - 1.0A, ,PD 15W
22.80
25.20
V
Dropout Voltage
VD
TJ =25°C
2.0
V
TJ =25°C,IOUT=5mA - 1.0A
240
mV
Load Regulation
ΔVOUT
TJ =25°C,IOUT=0.25A - 0.75A
120
mV
VIN =27V ~ 38V, TJ =25°C
240
mV
Line regulation
ΔVOUT
VIN =27V ~ 38V, TJ =25°C,IOUT=1.0A
240
mV
Quiescent Current
IQ
TJ =25°C, IOUT 1.0A
8.0
mA
VIN =28V ~ 38V
1.0
mA
Quiescent Current Change
ΔIQ
IOUT=5mA - 1.0A
0.5
mA
Output Noise Voltage
eN
10Hz f 100kHz
≦≦
170
μV
Temperature Coefficient of Vo
ΔVo/ΔT
IOUT=5mA
-2.8
mV/
°C
Ripple Rejection
RR
VIN =28V - 38V,f=120Hz, TJ =25°C
50
66
dB
Peak Output Current
IPEAK
TJ =25°C
1.8
A
Short-Circuit Current
ISC
VIN =35V, TJ =25°C
250
mA
Note 1: The Maximum steady state usable output current are dependent on input voltage, heat sinking, lead length
of the package and copper pattern of PCB. The data above represents pulse test conditions with junction
temperatures specified at the initiation of test.
Note 2: Power dissipation<0.5W


Similar Part No. - LM7833-TA3-I-T

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM7833D-XX-AR TAITRON-LM7833D-XX-AR Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM7833D-XX-BL TAITRON-LM7833D-XX-BL Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM7833D-XX-TR30 TAITRON-LM7833D-XX-TR30 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM7833D-XX-TU TAITRON-LM7833D-XX-TU Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
More results

Similar Description - LM7833-TA3-I-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com