Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14013BDTR2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC14013BDTR2
Description  Dual Type D Flip?묯lop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14013BDTR2 Datasheet(HTML) 5 Page - ON Semiconductor

  MC14013BDTR2 Datasheet HTML 1Page - ON Semiconductor MC14013BDTR2 Datasheet HTML 2Page - ON Semiconductor MC14013BDTR2 Datasheet HTML 3Page - ON Semiconductor MC14013BDTR2 Datasheet HTML 4Page - ON Semiconductor MC14013BDTR2 Datasheet HTML 5Page - ON Semiconductor MC14013BDTR2 Datasheet HTML 6Page - ON Semiconductor MC14013BDTR2 Datasheet HTML 7Page - ON Semiconductor MC14013BDTR2 Datasheet HTML 8Page - ON Semiconductor MC14013BDTR2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC14013B
http://onsemi.com
5
Figure 1. Dynamic Signal Waveforms
(Data, Clock, and Output)
Figure 2. Dynamic Signal Waveforms
(Set, Reset, Clock, and Output)
20 ns
20 ns
D
C
Q
90%
50%
10%
tsu (H)
tsu (L)
th
tWH
tWL
90%
50%
10%
VDD
VSS
VDD
VSS
VOH
VOL
tTLH
tTHL
tPHL
tPLH
90%
50%
10%
Inputs R and S low.
1
fcl
20 ns
20 ns
SET OR
RESET
CLOCK
Q OR Q
90%
50%
10%
VDD
VSS
VDD
VSS
VOH
VOL
20 ns
20 ns
trem
90%
50%
10%
50%
tPLH
tPHL
tw
20 ns
tw
TYPICAL APPLICATIONS
n−STAGE SHIFT REGISTER
BINARY RIPPLE UP−COUNTER (Divide−by−2n)
MODIFIED RING COUNTER (Divide−by−(n+1))
D
CLOCK
nth
2
1
Q
D
C
Q
Q
D
C
Q
Q
D
C
Q
Q
CLOCK
nth
2
1
D
C
Q
Q
D
C
Q
Q
D
C
Q
Q
Q
T FLIP−FLOP
nth
2
1
Q
D
C
Q
Q
D
C
Q
Q
D
C
Q
Q
CLOCK


Similar Part No. - MC14013BDTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14013BDTR2 ONSEMI-MC14013BDTR2 Datasheet
209Kb / 8P
   Dual Type D Flip-Flop
March, 2000 ??Rev. 3
MC14013BDTR2G ONSEMI-MC14013BDTR2G Datasheet
157Kb / 9P
   Dual Type D Flip-Flop
September, 2012 ??Rev. 9
MC14013BDTR2G ONSEMI-MC14013BDTR2G Datasheet
129Kb / 8P
   Dual Type D Flip-Flop
July, 2014 ??Rev. 10
More results

Similar Description - MC14013BDTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14175B ONSEMI-MC14175B_06 Datasheet
123Kb / 6P
   Quad Type D Flip?묯lop
June, 2006 ??Rev. 6
MC10H131 ONSEMI-MC10H131_06 Datasheet
153Kb / 7P
   Dual D Type Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 7
MC14174B ONSEMI-MC14174B_06 Datasheet
108Kb / 5P
   Hex Type D Flip?묯lop
June, 2006 ??Rev. 6
MC74AC273 ONSEMI-MC74AC273_05 Datasheet
111Kb / 8P
   Octal D Flip?묯lop
December, 2005 ??Rev. 6
MC14027B ONSEMI-MC14027B_05 Datasheet
103Kb / 8P
   Dual J?묷 Flip?묯lop
August, 2005 ??Rev. 6
MC74AC74 ONSEMI-MC74AC74 Datasheet
157Kb / 12P
   Dual D?뭈ype Positive Edge?뭈riggered Flip?묯lop
October, 2006 ??Rev. 7
MC10H176 ONSEMI-MC10H176_06 Datasheet
153Kb / 7P
   Hex D Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 7
MC74LVX74 ONSEMI-MC74LVX74 Datasheet
112Kb / 7P
   Dual D?뭈ype Flip?묯lop with Set and Clear
June, 2006 ??Rev. 3
MC74VHC74 ONSEMI-MC74VHC74 Datasheet
159Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
March, 2006 ??Rev. 5
MC74VHCT74A ONSEMI-MC74VHCT74A_06 Datasheet
86Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
July, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com