Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7815-TF3-I-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM7815-TF3-I-T
Description  3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM7815-TF3-I-T Datasheet(HTML) 1 Page - Unisonic Technologies

  LM7815-TF3-I-T Datasheet HTML 1Page - Unisonic Technologies LM7815-TF3-I-T Datasheet HTML 2Page - Unisonic Technologies LM7815-TF3-I-T Datasheet HTML 3Page - Unisonic Technologies LM7815-TF3-I-T Datasheet HTML 4Page - Unisonic Technologies LM7815-TF3-I-T Datasheet HTML 5Page - Unisonic Technologies LM7815-TF3-I-T Datasheet HTML 6Page - Unisonic Technologies LM7815-TF3-I-T Datasheet HTML 7Page - Unisonic Technologies LM7815-TF3-I-T Datasheet HTML 8Page - Unisonic Technologies LM7815-TF3-I-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM78XX
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 10
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R101-006,J
3-TERMINAL 1A POSITIVE
VOLTAGE REGULATOR
DESCRIPTION
The UTC LM78XX family is monolithic fixed voltage regulator
integrated circuit. They are suitable for applications that required
supply current up to 1 A.
FEATURES
* Output current up to 1A
* Fixed output voltage of 3.3V,4.7V,5V, 6V, 7V, 8V, 9V, 10V, 12V,
15V, 18V and 24V available
* Thermal overload shutdown protection
* Short circuit current limiting
* Output transistor SOA protection
*Pb-free plating product number: LM78XXL
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
1
2
3
Package
Packing
LM78xx-TA3-D-T
LM78xxL-TA3-D-T
I
G
O
TO-220
Tube
LM78xx-TF3-D-T
LM78xxL-TF3-D-T
I
G
O
TO-220F
Tube
Note: O: Output G: GND I: Input
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
VOLTAGE CODE
MARKING
TO-220
TO-220F
33:3.3V
47:4.7V
05:5.0V
06:6.0V
07:7.0V
08:8.0V
09:9.0V
10:10V
12:12V
15:15V
18:18V
24:24V


Similar Part No. - LM7815-TF3-I-T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7815 NSC-LM7815 Datasheet
147Kb / 8P
   Series Voltage Regulators
logo
List of Unclassifed Man...
LM7815 ETC-LM7815 Datasheet
50Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
LM7815 ETC-LM7815 Datasheet
175Kb / 6P
   1.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
LM7815 FAIRCHILD-LM7815 Datasheet
516Kb / 28P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
LM7815 FAIRCHILD-LM7815 Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - LM7815-TF3-I-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com