Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7666FS Datasheet(PDF) 6 Page - Rohm

Part # BA7666FS
Description  3 channel 75ohm driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7666FS Datasheet(HTML) 6 Page - Rohm

  BA7666FS Datasheet HTML 1Page - Rohm BA7666FS Datasheet HTML 2Page - Rohm BA7666FS Datasheet HTML 3Page - Rohm BA7666FS Datasheet HTML 4Page - Rohm BA7666FS Datasheet HTML 5Page - Rohm BA7666FS Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Contact us
Attached-1
Thank you for your accessing to ROHM product informations.
More detail product informations and catalogs are available,
please contact your nearest sales office.
Please contact our sales offices for details ;
Japan /
(Internal Sales)
(Contact address for overseas customers in Japan)
U.S.A / San Diego
Atlanta
Dallas
TEL : +1(858)625-3630
FAX : +1(858)625-3670
TEL : +1(770)754-5972
FAX : +1(770)754-0691
TEL : +1(972)312-8818
FAX : +1(972)312-0330
Taiwan / Taipei
TEL : +866(2)2500-6956
FAX : +866(2)2503-2869
Korea / Seoul
TEL : +82(2)8182-700
FAX : +82(2)8182-715
Singapore
TEL : +65-6332-2322
FAX : +65-6332-5662
Malaysia / Kuala Lumpur
TEL : +60(3)7958-8355
FAX : +60(3)7958-8377
Philippines / Manila
TEL : +63(2)807-6872
FAX : +63(2)809-1422
Thailand / Bangkok
TEL : +66(2)254-4890
FAX : +66(2)256-6334
Germany / Dusseldorf
TEL : +49(2154)9210
FAX : +49(2154)921400
United Kingdom / London TEL : +44(1)908-282-666
FAX : +44(1)908-282-528
France / Paris
TEL : +33(0)1 56 97 30 60 FAX : +33(0) 1 56 97 30 80
China / Hong Kong
TEL : +852(2)740-6262
FAX : +852(2)375-8971
Shanghai
TEL : +86(21)6279-2727
FAX : +86(21)6247-2066
Dilian
TEL : +86(411)8230-8549
FAX : +86(411)8230-8537
Beijing
TEL : +86(10)8525-2483
FAX : +86(10)8525-2489
As of 18th. April 2005
Tokyo
2-1-1, Yaesu, Chuo-ku, Tokyo 104-0082
TEL : +81(3)5203-0321
FAX : +81(3)5203-0300
Yokohama
TEL : +81(45)476-2131
FAX : +81(45)476-2128
Nagoya
Dainagayo Building 9F 3-28-12, Meieki, Nakamura-ku, Nagoya,Aichi 450-0002
TEL : +81(52)581-8521
FAX : +81(52)561-2173
Kyoto
579-32 Higashi Shiokouji-cho, Karasuma Nishi-iru, Shiokoujidori, Shimogyo-ku,
Kyoto 600-8216
TEL : +81(75)311-2121
FAX : +81(75)314-6559
2-4-8, Shin Yokohama, Kohoku-ku, Yokohama, Kanagawa 222-8575
FAX : +81(045)476-9271
TEL : +81(45)476-9270
Yokohama


Similar Part No. - BA7666FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7666FS ROHM-BA7666FS Datasheet
32Kb / 3P
   3channel 75 OHM driver
More results

Similar Description - BA7666FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7665AFS ROHM-BA7665AFS Datasheet
246Kb / 6P
   3 channel 75ohm driver for DVD (Y/C MIX Type)
logo
New Japan Radio
NJM2244 NJRC-NJM2244 Datasheet
203Kb / 5P
   3-INPUT VIDEO SWITCH WITH 75OHM DRIVER?
NJM2243 NJRC-NJM2243 Datasheet
200Kb / 5P
   3-INPUT VIDEO SWITCH WITH 75OHM DRIVER
logo
Rohm
BA7660FS ROHM-BA7660FS_1 Datasheet
171Kb / 6P
   3ch 75ohm driver
logo
New Japan Radio
NJM2263 NJRC-NJM2263 Datasheet
199Kb / 5P
   3-INPUT VIDEO SUPER IMPOSER WITH 75OHM DRIVER?
NJM2264 NJRC-NJM2264 Datasheet
197Kb / 5P
   3-INPUT VIDEO SUPER IMPOSER WITH 75OHM DRIVER???
logo
Sanyo Semicon Device
LA73052 SANYO-LA73052 Datasheet
252Kb / 6P
   4ch 75ohm Video Driver
logo
Mitsumi Electronics, Co...
MM1221 MITSUMI-MM1221 Datasheet
95Kb / 7P
   2-Input 1-Output Video Switch (W/75OHM driver)/3-Input 1-Output Video Switch (W/75OHM driver)
logo
Tiger Electronic Co.,Lt...
MM1510 TGS-MM1510 Datasheet
257Kb / 5P
   6dB Amplifier with 75OHM Driver
MM1671 TGS-MM1671 Datasheet
426Kb / 11P
   Low Supply Voltage 75OHM Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com