Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5089 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N5089
Description  NPN GENERAL PURPOSE AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N5089 Datasheet(HTML) 1 Page - Unisonic Technologies

  2N5089 Datasheet HTML 1Page - Unisonic Technologies 2N5089 Datasheet HTML 2Page - Unisonic Technologies 2N5089 Datasheet HTML 3Page - Unisonic Technologies 2N5089 Datasheet HTML 4Page - Unisonic Technologies 2N5089 Datasheet HTML 5Page - Unisonic Technologies 2N5089 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UTC 2N5088/2N5089 NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R201-040,A
NPN GENERAL PURPOSE AMPLIFIER
DESCRIPTION
The device is designed for low noise, high gain, general
purpose amplifier applications at collector currents from
1
µA to 50mA.
TO-92
1
1:EMITTER 2:BASE 3:COLLECTOR
MAXIMUM RATINGS (TA=25°C, unless otherwise noted)
RATING
SYMBOL
2N5088
2N5089
UNIT
Collector-Emitter voltage
VCEO
30
25
V
Collector-Base voltage
VCBO
35
30
V
Emitter-base voltage
VEBO
4.5
V
Collector current-continuous
Ic
100
mA
Operating and Storage
Junction Temperature Range
Tj, Tstg
-55 ~ +150
°C
Note 1: These ratings are based on a maximum junction temperature of 150 degrees C.
Note 2: These are steady state limits. The factory should be consulted on applications involving pulsed or low duty
cycle operations.
THERMAL CHARACTERISTICS (TA=25°C, unless otherwise noted)
PARAMETER
SYMBOL
MAX
UNIT
Total Device Dissipation
Derate above 25
°C
PD
625
5
mW
mW/
°C
Thermal Resistance, Junction to Case
RθJC
83.3
°C/W
Thermal Resistance, Junction to
Ambient
RθJA
200
°C/W


Similar Part No. - 2N5089

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5089 ONSEMI-2N5089 Datasheet
281Kb / 6P
   Amplifier Transistor(NPN Silicon)
November, 2001 ??Rev. 1
logo
Samsung semiconductor
2N5089 SAMSUNG-2N5089 Datasheet
32Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
2N5089 FAIRCHILD-2N5089 Datasheet
98Kb / 7P
   NPN General Purpose Amplifier
logo
Micro Electronics
2N5089 MICRO-ELECTRONICS-2N5089 Datasheet
191Kb / 2P
   PNP/NPN SILICON AF LOW NOISE SMALL SIGNAL TRANSISTORS
logo
ON Semiconductor
2N5089 ONSEMI-2N5089 Datasheet
153Kb / 8P
   Amplifier Transistors
November, 2001 ??Rev. 1
More results

Similar Description - 2N5089

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com