Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78T05CT Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC78T05CT
Description  3.0 A Positive Voltage Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78T05CT Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC78T05CT Datasheet HTML 4Page - ON Semiconductor MC78T05CT Datasheet HTML 5Page - ON Semiconductor MC78T05CT Datasheet HTML 6Page - ON Semiconductor MC78T05CT Datasheet HTML 7Page - ON Semiconductor MC78T05CT Datasheet HTML 8Page - ON Semiconductor MC78T05CT Datasheet HTML 9Page - ON Semiconductor MC78T05CT Datasheet HTML 10Page - ON Semiconductor MC78T05CT Datasheet HTML 11Page - ON Semiconductor MC78T05CT Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC78T00 Series
http://onsemi.com
8
Figure 10. Dropout Voltage
Figure 11. Peak Output Current
0
102030
40
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
1.0
0.5
0
t, TIME (
ms)
Vout = 5.0 V
Iout = 150 mA
CO = 0
TJ = 25°C
1.0
010
20
30
40
t, TIME (
ms)
Vin = 10 V
CO = 0
TJ = 25°C
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
1.5
0.5
0
Figure 12. Line Transient Response
Figure 13. Load Transient Response
Figure 14. Maximum Average Power
Dissipation for MC78T00CT, ACT
TJ, JUNCTION TEMPERATURE (°C)
2.5
2.0
1.5
1.0
0.5
−90
−50
−10
30
70
110
150
190
Vin−VO, INPUT−OUTPUT VOLTAGE (Vdc)
8.0
6.0
4.0
2.0
0
0
1020
3040
TJ = 125°C
TJ = 25°C
TJ = 0°C
TA, AMBIENT TEMPERATURE (°C)
40
30
20
10
0
25
50
75
100
125
Maximum Ambient
Temperature
Infinite
Heatsink
1.3
°C/W
10.5
°C
6.3
°C/W
3.3
°C/W
2.4
°C/W
qSA of Heatsinks
Iout = 3.0 A
Iout = 1.0 A
Iout = 0.5 A
DVO = 50 mV


Similar Part No. - MC78T05CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78T05CT MOTOROLA-MC78T05CT Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78T05CT ONSEMI-MC78T05CT Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Fairchild Semiconductor
MC78T05CT FAIRCHILD-MC78T05CT Datasheet
44Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
logo
ON Semiconductor
MC78T05CTG ONSEMI-MC78T05CTG Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
More results

Similar Description - MC78T05CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM323 ONSEMI-LM323_02 Datasheet
78Kb / 8P
   3.0 A Positive Voltage Regulators
January, 2002 ??Rev. 2
logo
Semtech Corporation
EZ1587 SEMTECH-EZ1587 Datasheet
86Kb / 5P
   3.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
MC-7805-CT ONSEMI-MC-7805-CT Datasheet
329Kb / 30P
   1.0 A Positive Voltage Regulators
May, 2013 ??Rev. 26
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
logo
STMicroelectronics
L78SXX STMICROELECTRONICS-L78SXX_10 Datasheet
1Mb / 39P
   2 A positive voltage regulators
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com