Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS321ID Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TS321ID
Description  LOW-POWER SINGLE OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS321ID Datasheet(HTML) 3 Page - Texas Instruments

  TS321ID Datasheet HTML 1Page - Texas Instruments TS321ID Datasheet HTML 2Page - Texas Instruments TS321ID Datasheet HTML 3Page - Texas Instruments TS321ID Datasheet HTML 4Page - Texas Instruments TS321ID Datasheet HTML 5Page - Texas Instruments TS321ID Datasheet HTML 6Page - Texas Instruments TS321ID Datasheet HTML 7Page - Texas Instruments TS321ID Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
TS321
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
SLOS489A – DECEMBER 2005 – REVISED MARCH 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Single
32
VCC
Supply voltage(2)
V
Dual
±16
VID
Differential input voltage(3)
32
V
VI
Input voltage range(2)(4)
–0.3
32
V
II
Input current(4)
50
mA
tshort
Duration of output short circuit to ground
Unlimited
D package
97
θ
JA
Package thermal impedance, junction to free air(5)(6)
°C/W
DBV package
206
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
These voltage values are with respect to the midpoint between VCC+ and VCC–.
(3)
Differential voltages are at IN+ with respect to IN–.
(4)
Neither input must ever be more positive than VCC+ or more negative than VCC–.
(5)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Selecting the maximum of 150°C can affect reliability.
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
Single supply
3
30
VCC
Supply voltage
V
Dual supply
±1.5
±15
TA
Operating free-air temperature
–40
125
°C
3
Submit Documentation Feedback


Similar Part No. - TS321ID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS321ID STMICROELECTRONICS-TS321ID Datasheet
186Kb / 12P
   Low power single operational amplifier
TS321ID STMICROELECTRONICS-TS321ID Datasheet
181Kb / 13P
   Low power single operational amplifier
logo
Texas Instruments
TS321ID TI-TS321ID Datasheet
368Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TS321ID TI1-TS321ID Datasheet
1Mb / 21P
[Old version datasheet]   Low-Power Single Operational Amplifier
logo
STMicroelectronics
TS321ID/IDT STMICROELECTRONICS-TS321ID/IDT Datasheet
184Kb / 12P
   Low Power Single Operational Amplifier
More results

Similar Description - TS321ID

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2130 NJRC-NJM2130 Datasheet
143Kb / 3P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TS321 TI1-TS321 Datasheet
1Mb / 21P
[Old version datasheet]   Low-Power Single Operational Amplifier
logo
BCD Semiconductor Manuf...
AS321 BCDSEMI-AS321 Datasheet
218Kb / 11P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343IDBVRG4 TI1-TL343IDBVRG4 Datasheet
663Kb / 11P
[Old version datasheet]   SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI-TS321_10 Datasheet
368Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TL343 TI-TL343_06 Datasheet
124Kb / 8P
[Old version datasheet]   SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TL343 TI-TL343 Datasheet
114Kb / 7P
[Old version datasheet]   SINGLE LOW-POWER OPERATIONAL AMPLIFIER
logo
TECH PUBLIC Electronics...
LM321SN3T1G TECHPUBLIC-LM321SN3T1G Datasheet
1Mb / 6P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
2021.6.15
logo
STMicroelectronics
TS321 STMICROELECTRONICS-TS321_05 Datasheet
184Kb / 12P
   Low Power Single Operational Amplifier
logo
Taiwan Semiconductor Co...
TS321 TSC-TS321 Datasheet
291Kb / 6P
   Low Power Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com