Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP5024DP Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # SP5024DP
Description  3-Wire Bus Controlled Synthesiser
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP5024DP Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

  SP5024DP Datasheet HTML 1Page - Zarlink Semiconductor Inc SP5024DP Datasheet HTML 2Page - Zarlink Semiconductor Inc SP5024DP Datasheet HTML 3Page - Zarlink Semiconductor Inc SP5024DP Datasheet HTML 4Page - Zarlink Semiconductor Inc SP5024DP Datasheet HTML 5Page - Zarlink Semiconductor Inc SP5024DP Datasheet HTML 6Page - Zarlink Semiconductor Inc SP5024DP Datasheet HTML 7Page - Zarlink Semiconductor Inc SP5024DP Datasheet HTML 8Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5
SP5024
P4
P3
P2
P1
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
SP5024
1n
1n
2N3904
47n
22k
180n
18p
4MHz
CRYSTAL
1
5V
10k
47k
10n
TUNER
1
12V
1
30V
22k
CONTROL
MICRO
BAND
INPUTS
OSCILLATOR
OUTPUT
VARACTOR
INPUT
Fig. 4 Typical application (FSTEP = 50kHz)
300
37.5
25
12.5
500
1000
1500
FREQUENCY (MHz)
OPERATING
WINDOW
Fig. 5 Typical input sensitivity
VREF
RF INPUTS
VCC
170
CHARGE
PUMP
DRIVE
OUTPUT
RF input
Loop amplifier
2 x 3k
Fig.6a Input/Output interface circuits


Similar Part No. - SP5024DP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP502 SIPEX-SP502 Datasheet
402Kb / 30P
   Multi-Mode Serial Transceiver
SP502 SIPEX-SP502 Datasheet
345Kb / 32P
   Multi-Mode Serial Transceiver
logo
List of Unclassifed Man...
SP5025 ETC2-SP5025 Datasheet
439Kb / 2P
   Thermoelectric Cooler
SP5025-01AC ETC2-SP5025-01AC Datasheet
439Kb / 2P
   Thermoelectric Cooler
SP5025-02AC ETC2-SP5025-02AC Datasheet
439Kb / 2P
   Thermoelectric Cooler
More results

Similar Description - SP5024DP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5668 MITEL-SP5668 Datasheet
163Kb / 12P
   2.7GHz 3-Wire Bus Controlled Synthesiser
SP5054 MITEL-SP5054 Datasheet
279Kb / 9P
   2.6GHz 3-Wire BUS Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5654 ZARLINK-SP5654 Datasheet
339Kb / 15P
   2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
logo
Mitel Networks Corporat...
SP5658 MITEL-SP5658 Datasheet
281Kb / 14P
   2.7GHz 3-Wire Bus Controlled Frequency Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
   2.7GHz I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
   Bidirectional I2C Bus Controlled Synthesiser
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
   2.7GHz I2C Bus Controlled Synthesiser
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com