Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP5848 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # SP5848
Description  2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP5848 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  SP5848 Datasheet HTML 1Page - Zarlink Semiconductor Inc SP5848 Datasheet HTML 2Page - Zarlink Semiconductor Inc SP5848 Datasheet HTML 3Page - Zarlink Semiconductor Inc SP5848 Datasheet HTML 4Page - Zarlink Semiconductor Inc SP5848 Datasheet HTML 5Page - Zarlink Semiconductor Inc SP5848 Datasheet HTML 6Page - Zarlink Semiconductor Inc SP5848 Datasheet HTML 7Page - Zarlink Semiconductor Inc SP5848 Datasheet HTML 8Page - Zarlink Semiconductor Inc SP5848 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2
SP5848 Preliminary Information
Electrical Characteristics
Tamb= -40
o
C to +80
o
C, Vcc = 4.5 to 5.5 V, These characteristics are guaranteed by either production test or
design. They apply within the specified ambient temperature and supply voltage unless otherwise stated.
Figure 2 - Pin Connections
QP20
PORT P1
CHARGE PUMP 2
DRIVE 2
Vee 2
RF2 INPUT
RF2 INPUT
Vcc2
CRYSTAL
CRYSTAL CAP
Vee
PORT P0
CHARGE PUMP 1
DRIVE 1
Vee 1
RF1 INPUT
RF1 INPUT
Vcc1
ENABLE
DATA
CLOCK
Characteristic
Pin
Value
Units
Conditions
Min
Typ
Max
Supply voltage
7, 14
4.5
5.5
V
Supply current
18
22
mA
Synthesiser 1 (UP)
RF1 input voltage
15,16
40
300
mV
rms
80 -2200MHz
RF1 input impedance
15,16
See Figure 4
RF1 division ratio
240
32767
Reference division 1
See Table 1
ratio
Comparison frequency 1
4
MHz
Equivalent phase noise
-148
dBc/Hz
SSB, within loop bandwidth, all
at phase detector 1
comparison frequencies
Charge pump 1 output
19
See Table 3
current
Vpin 19=2V
Charge pump 1 output
19
±3
±10
nA
Vpin19 = 2V
leakage
Charge pump 1 drive
18
0.5
mA
Vpin 18 = 0.7V
output current


Similar Part No. - SP5848

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5848 MITEL-SP5848 Datasheet
67Kb / 9P
   2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL
SP5848KG MITEL-SP5848KG Datasheet
67Kb / 9P
   2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL
SP5848KGQP1S MITEL-SP5848KGQP1S Datasheet
67Kb / 9P
   2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL
SP5848QP1T MITEL-SP5848QP1T Datasheet
67Kb / 9P
   2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL
More results

Similar Description - SP5848

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5848 MITEL-SP5848 Datasheet
67Kb / 9P
   2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL
logo
Samsung semiconductor
S1T8825B SAMSUNG-S1T8825B Datasheet
275Kb / 16P
   1.3GHZ DUAL PLL
logo
Mitel Networks Corporat...
SP5730 MITEL-SP5730 Datasheet
372Kb / 14P
   1.3GHz Low Phase Noise Frequency Synthesiser
logo
Toshiba Semiconductor
TD7614F TOSHIBA-TD7614F Datasheet
520Kb / 16P
   3-WIRE BUS, 1.3GHz-FREQUENCY SYNTHESIZER IC
logo
Peregrine Semiconductor...
PE3239 PEREGRINE-PE3239 Datasheet
214Kb / 12P
   2.2 GHz Integer-N PLL for Low Phase Noise Applications
PE3240 PEREGRINE-PE3240 Datasheet
235Kb / 12P
   2.2 GHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
logo
Integrated Device Techn...
ICS670-04 IDT-ICS670-04 Datasheet
198Kb / 7P
   Patented PLL with low phase noise
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
   Low Phase Noise PLL Clock Multiplier
logo
PhaseLink Corporation
PLL601-02 PLL-PLL601-02 Datasheet
200Kb / 4P
   Low Phase Noise PLL Clock Multiplier
logo
Mitel Networks Corporat...
SP5748 MITEL-SP5748 Datasheet
295Kb / 15P
   2.4GHz Very Low Phase Noise PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com