Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL8038 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ICL8038
Description  Precision Waveform Generator/Voltage Controlled Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8038 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ICL8038 Datasheet HTML 3Page - Intersil Corporation ICL8038 Datasheet HTML 4Page - Intersil Corporation ICL8038 Datasheet HTML 5Page - Intersil Corporation ICL8038 Datasheet HTML 6Page - Intersil Corporation ICL8038 Datasheet HTML 7Page - Intersil Corporation ICL8038 Datasheet HTML 8Page - Intersil Corporation ICL8038 Datasheet HTML 9Page - Intersil Corporation ICL8038 Datasheet HTML 10Page - Intersil Corporation ICL8038 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Typical Applications
The sine wave output has a relatively high output impedance
(1k
Ω Typ). The circuit of Figure 6 provides buffering, gain
and amplitude adjustment. A simple op amp follower could
also be used.
With a dual supply voltage the external capacitor on Pin 10 can
be shorted to ground to halt the ICL8038 oscillation. Figure 7
shows a FET switch, diode ANDed with an input strobe signal
to allow the output to always start on the same slope.
To obtain a 1000:1 Sweep Range on the ICL8038 the
voltage across external resistors RA and RB must decrease
to nearly zero. This requires that the highest voltage on
control Pin 8 exceed the voltage at the top of RA and RB by a
few hundred mV. The Circuit of Figure 8 achieves this by
using a diode to lower the effective supply voltage on the
ICL8038. The large resistor on pin 5 helps reduce duty cycle
variations with sweep.
The linearity of input sweep voltage versus output frequency
can be significantly improved by using an op amp as shown
in Figure 10.
C81K
ICL8038
456
9
2
12
11
10
8
RA
RL
V- OR GND
3
RB
V+
SWEEP
VOLTAGE
FIGURE 5B. CONNECTIONS FOR FREQUENCY SWEEP
FIGURE 5.
C
ICL8038
45
6
2
11
10
8
7
RA
100K
V-
RB
V+
AMPLITUDE
20K
+
-
741
4.7K
FIGURE 6. SINE WAVE OUTPUT BUFFER AMPLIFIERS
C
ICL8038
45
9
10
11
8
7
RA
1N914
-15V
RB
V+
STROBE
2
2N4392
1N914
15K
100K
OFF
ON
+15V (+10V)
-15V (-10V)
FIGURE 7. STROBE TONE BURST GENERATOR
0.0047
µF
DISTORTION
ICL8038
546
9
2
12
11
10
8
4.7K
-10V
3
+10V
20K
4.7K
1K
DUTY CYCLE
15K
1N457
0.1
µF
100K
15M
10K
FREQ.
FIGURE 8. VARIABLE AUDIO OSCILLATOR, 20Hz TO 20kHzY
ICL8038


Similar Part No. - ICL8038

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8038 INTERSIL-ICL8038 Datasheet
152Kb / 10P
   Precision Waveform Generator/Voltage Controlled Oscillator
logo
Harris Corporation
ICL8038 HARRIS-ICL8038 Datasheet
149Kb / 10P
   Precision Waveform Generator/ Voltage Controlled Oscillator
logo
Intersil Corporation
ICL8038 INTERSIL-ICL8038 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Renesas Technology Corp
ICL8038 RENESAS-ICL8038 Datasheet
651Kb / 12P
   Precision Waveform Generator/Voltage Controlled Oscillator
logo
Intersil Corporation
ICL8038ACJD INTERSIL-ICL8038ACJD Datasheet
152Kb / 10P
   Precision Waveform Generator/Voltage Controlled Oscillator
More results

Similar Description - ICL8038

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8038 INTERSIL-ICL8038 Datasheet
152Kb / 10P
   Precision Waveform Generator/Voltage Controlled Oscillator
logo
Harris Corporation
ICL8038 HARRIS-ICL8038 Datasheet
149Kb / 10P
   Precision Waveform Generator/ Voltage Controlled Oscillator
logo
Renesas Technology Corp
ICL8038 RENESAS-ICL8038 Datasheet
651Kb / 12P
   Precision Waveform Generator/Voltage Controlled Oscillator
logo
Exar Corporation
XR8038 EXAR-XR8038 Datasheet
150Kb / 16P
   Precision Waveform Generator
XR-8038A EXAR-XR-8038A Datasheet
26Kb / 4P
   Precision Waveform Generator
logo
NTE Electronics
NTE864 NTE-NTE864 Datasheet
26Kb / 3P
   Integrated Circuit Precision Waveform Generator
logo
ASM GmbH
7075 ASM-SENSOR-7075 Datasheet
1Mb / 8P
   WAVEFORM GENERATOR
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
logo
Analog Devices
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
   Programmable Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com