Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL102B Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # WL102B
Description  Wireless Data Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

WL102B Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  WL102B Datasheet HTML 1Page - Zarlink Semiconductor Inc WL102B Datasheet HTML 2Page - Zarlink Semiconductor Inc WL102B Datasheet HTML 3Page - Zarlink Semiconductor Inc WL102B Datasheet HTML 4Page - Zarlink Semiconductor Inc WL102B Datasheet HTML 5Page - Zarlink Semiconductor Inc WL102B Datasheet HTML 6Page - Zarlink Semiconductor Inc WL102B Datasheet HTML 7Page - Zarlink Semiconductor Inc WL102B Datasheet HTML 8Page - Zarlink Semiconductor Inc WL102B Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2
SP102 Advance Information
Figure 2 - 100 Pin package
HD2
HGnd
TEST0
TEST1
ENI8051B
RSSISTRB
MOD2LEVB
SVdd
SGnd
TXD_L
TXD_H / TXD
SYSCLK_D
RXD_D
P3[1] / EPMINTR
SYSCLK_X
CS_DATA / PWR_LOB
CS_CLK / ANT_SEL
CS_LOADB / LOADB
TX/RXB / RX/TXB
SVdd
SGnd
STDBYB
PA_ON
LCK_DETB
HVdd
27
26
28
37
39
38
40
41
42
43
45
44
46
47
48
49
50
29
30
31
33
32
34
35
36
100
99
98
97
96
94
95
93
92
91
90
88
89
87
86
85
84
82
83
81
80
79
78
76
77
HD3
SA11
SA9
SA8
SA13
SVdd
SGnd
SA14
SWRB
SA15
SA12
SA7
SA6
SA5
SA4
SA3
SA2
SA1
SA0
SD0
SD1
SVdd
SGnd
P3[0] / EPSYSINC
EPRSTB


Similar Part No. - WL102B

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
WL102B MITEL-WL102B Datasheet
138Kb / 9P
   Wireless Data Controller
WL102BC MITEL-WL102BC Datasheet
138Kb / 9P
   Wireless Data Controller
WL102BIG MITEL-WL102BIG Datasheet
138Kb / 9P
   Wireless Data Controller
WL102BIGTP1R MITEL-WL102BIGTP1R Datasheet
138Kb / 9P
   Wireless Data Controller
WL102BPRFP1R MITEL-WL102BPRFP1R Datasheet
138Kb / 9P
   Wireless Data Controller
More results

Similar Description - WL102B

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
WL102B MITEL-WL102B Datasheet
138Kb / 9P
   Wireless Data Controller
logo
SHENZHEN KYL COMMUNICAT...
KYL-600M KYL-KYL-600M Datasheet
308Kb / 4P
   Wireless Data/AudioModule
KYL-200I KYL-KYL-200I Datasheet
174Kb / 1P
   Wireless Data Transceiver
logo
Cirrus Logic
CS22250 CIRRUS-CS22250 Datasheet
253Kb / 32P
   WIRELESS 10BT CONTROLLER
logo
Level One
WAC-1000 LVL1-WAC-1000 Datasheet
1,006Kb / 4P
   Wireless LAN Controller
logo
Microchip Technology
WINC3400 MICROCHIP-WINC3400 Datasheet
923Kb / 2P
   Wireless Network Controller
2015
logo
Exar Corporation
XR18W750 EXAR-XR18W750 Datasheet
908Kb / 44P
   WIRELESS UART CONTROLLER
logo
Vaisala
CWL100 VAISALA-CWL100 Datasheet
488Kb / 3P
   Cloud Wireless Data Logger
logo
Cirrus Logic
CS22230 CIRRUS-CS22230 Datasheet
253Kb / 29P
   WIRELESS PCI/USB CONTROLLER
logo
List of Unclassifed Man...
TX-F01 ETC2-TX-F01 Datasheet
269Kb / 5P
   Wireless Remote Controller/Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com