Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83194BR-323 Datasheet(PDF) 11 Page - Winbond

Part # W83194BR-323
Description  STEPLESS CLOCK FOR INTEL BROOKDALE CHIPSET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83194BR-323 Datasheet(HTML) 11 Page - Winbond

Back Button W83194BR-323 Datasheet HTML 7Page - Winbond W83194BR-323 Datasheet HTML 8Page - Winbond W83194BR-323 Datasheet HTML 9Page - Winbond W83194BR-323 Datasheet HTML 10Page - Winbond W83194BR-323 Datasheet HTML 11Page - Winbond W83194BR-323 Datasheet HTML 12Page - Winbond W83194BR-323 Datasheet HTML 13Page - Winbond W83194BR-323 Datasheet HTML 14Page - Winbond W83194BR-323 Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
STEPLESS CLOCK FOR INTEL BROOKDALE CHIPSET
- 8 -
W83194BR-323W83194BG-323
7.4 Register 3: PCI, 48MHz Clock Register (1 = enable, 0 = Stopped)
BIT
PIN NO
PWD
DESCRIPTION
7
22
1
48MHZ
6
23
1
24_48MHz
5
48
1
REF0
4
1
1
REF1
3
Reserved
1
Reserved
2
8
1
PCICLK_F2
1
7
1
PCICLK_F1
0
6
1
PCICLK_F0
7.5 Register 4: 3V66 Control Register (1 = enable, 0 = Stopped)
BIT
PIN NO
PWD
DESCRIPTION
7
-
1
Reserved
6
-
1
Reserved
5
-
1
Reserved
4
-
1
Reserved
3
27
1
3V66_3 / 48MHz
2
28
1
3V66_2
1
30
1
3V66_1
0
31
1
3V66_0
7.6 Register 5: Watchdog Control Register
BIT
NAME
PWD
DESCRIPTION
7
MULTISEL1
X
MULTISEL1 trapping pin data read back
6
EN_WD
0
Enable Watchdog Timer if set to 1. Set to 0, disable watchdog timer.
Read this bit will return a counting state. If timer continues down count,
this bit will return 1. Otherwise, this bit will return 0.
5
WD_TIMEOUT
0
Watchdog Timeout Status. If the watchdog is started and timer down
counts to zero, this bit will be set to 1. Clear this bit to logic 0, If set to 1,
when the watchdog is restart in the next time. This bit is Read Only.
4
SAF_FREQ [4]
0
3
SAF_FREQ [3]
0
2
SAF_FREQ [2]
0
1
SAF_FREQ [1]
0
0
SAF_FREQ [0]
0
Watchdog safe frequency bits. These bits will be reloaded into FS [4:0],
if the watchdog is timeout and enable reload safe frequency bits.


Similar Part No. - W83194BR-323

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-372 WINBOND-W83194BR-372 Datasheet
332Kb / 24P
   CLOCK GENERATOR FOR SIS 746/748 CHIPSETS
W83194BR-39B WINBOND-W83194BR-39B Datasheet
276Kb / 20P
   STEP-LESS 3-DIMM CLOCK
More results

Similar Description - W83194BR-323

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-B WINBOND-W83194BR-B Datasheet
232Kb / 19P
   Stepless Clock Gen. For INTEL Brookdale Chipset
W83194BR-703 WINBOND-W83194BR-703 Datasheet
741Kb / 28P
   STEPLESS CLOCK FOR SIS 741 CHIPSET
W83195BR-S WINBOND-W83195BR-S Datasheet
170Kb / 10P
   STEPLESS 200MHZ 3-DIMM CLOCK FOR SOLANO CHIPSET
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com