Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F996-ND Datasheet(PDF) 1 Page - Littelfuse

Part # F996-ND
Description  ATO Blade Fuse Rated 32V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

F996-ND Datasheet(HTML) 1 Page - Littelfuse

  F996-ND Datasheet HTML 1Page - Littelfuse F996-ND Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Blade Fuses

w w w . l i t t e l f u s e . c o m
© 2006 Littelfuse Automotive Circuit Protection Products
Developed by Littelfuse for the automotive industry, the ATO
fuse has become the original equipment circuit protection
standard for foreign and domestic automobiles and trucks.
Readily identifiable and easily replaced, this fuse can be
specified for a variety of low voltage electronic applications.
Die ATO-Sicherung wurde von Littelfuse speziell für
die Fahrzeugindustrie entwickelt und hat sich als OEM-
Schaltungsschutz-Standard für in- und ausländische Personen-
und Lastkraftwagen etabliert. ATO-Sicherungen lassen sich
leicht identifizieren und austauschen und können für zahlreiche
Anwendungen im Niederspannungsbereich spezifiziert werden.
Specifications
Voltage Rating:
32 VDC
Interrupting Ratings:
1000A @ 32 VDC
Operating Temperature Range:
-40˚C to +105˚C
ATO® Blade Fuse Rated 32V
Time-Current Characteristics / Schmelzzeit-Grenzwerte
% of Rating
% des Nennstromes
Opening Time Min / Max (s)
Schmelzcharakteristik Min / Max (s)
110
100 hrs / –
135
500 ms / 600 s
750 ms / 600 s
200
100 ms / 5.0 s
150 ms / 5.0 s
350
20 ms / 500 ms
80 ms / 500 ms
600
– / 100 ms
– / 150 ms
Part Number
Artikel-Nr.
Current Rating
Nennstrom
Housing Color
Kennfarbe
Typ. Voltage Drop
Typ. Spannungsfall
Cold Resistance
Kaltwiderstand
It
0257001_
1 A
176 mV
123 m
Ω
0.4 A²s
0257002_
2 A
141 mV
53.5 m
Ω
1.4 A²s
0257003_
3 A
137 mV
31.1 m
Ω
7.4 A²s
0257004_
4 A
136 mV
22.8 m
Ω
14 A²s
0257005_
5 A
128 mV
17.85 m
Ω
26 A²s
025707.5_
7.5 A
116 mV
10.91 m
Ω
60 A²s
0257010_
10 A
109 mV
7.70 m
Ω
115 A²s
0257015_
15 A
102 mV
4.80 m
Ω
340 A²s
0257020_
20 A
98 mV
3.38 m
Ω
520 A²s
0257025_
25 A
92 mV
2.52 m
Ω
1080 A²s
0257030_
30 A
84 mV
1.97 m
Ω
1510 A²s
0257035_
35 A
87 mV
1.61 m
Ω
2280 A²s
0257040_
40 A
96 mV
1.44 m
Ω
3310 A²s
Last figure of part number = packaging code, see Section “Packaging Index,” pg. 157.
Corresponding holder see Section “Fuse Holders.”


Similar Part No. - F996-ND

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
F99-003 MITSUMI-F99-003 Datasheet
74Kb / 2P
   Interface Connectors for Cellular Telephone
logo
Integrated Technology F...
F9901 ITF-F9901 Datasheet
232Kb / 7P
   SAW Bandpass Filter F9901
More results

Similar Description - F996-ND

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ATO30BP LITTELFUSE-ATO30BP Datasheet
1Mb / 3P
   ATO® Blade Fuses - Aftermarket Rated 32V
11/15/2022
029707.5U LITTELFUSE-029707.5U Datasheet
281Kb / 2P
   MINI짰 BLADE FUSE RATED 32V
0299025.TXN LITTELFUSE-0299025.TXN Datasheet
206Kb / 2P
   MAXI Blade Fuse Rated 32V
0297002 LITTELFUSE-0297002 Datasheet
197Kb / 2P
   MINI Blade Fuse Rated 32V
028707.5H LITTELFUSE-028707.5H Datasheet
441Kb / 2P
   ATOF??Blade Fuse Rated 32V
0299020 LITTELFUSE-0299020 Datasheet
205Kb / 2P
   MAXI Blade Fuse Rated 32V
0257001.PXPV LITTELFUSE-0257001.PXPV Datasheet
175Kb / 2P
   ATO짰 Blade Fuse Rated 32V
142.6185.4102 LITTELFUSE-142.6185.4102 Datasheet
290Kb / 2P
   TAC ATO STYLE BLADE FUSE RATED 58V Blade contacts
0FHA0001ZXJ LITTELFUSE-0FHA0001ZXJ Datasheet
586Kb / 1P
   INLINE FUSE HOLDER FOR ATO STYLE BLADE FUSE
0298040 LITTELFUSE-0298040 Datasheet
223Kb / 2P
   MEGA Fuse Rated 32V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com