Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT150089MWI-GT3 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT150089MWI-GT3
Description  Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT150089MWI-GT3 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT150089MWI-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT150089MWI-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT150089MWI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT150089MWI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT150089MWI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT150089MWI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT150089MWI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT150089MWI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT150089MWI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CAT15008, CAT15016
© 2007 Catalyst Semiconductor, Inc.
1
Doc. No. 1125 Rev. A
Characteristics subject to change without notice
Voltage Supervisor with 8-Kb and 16-Kb
SPI Serial CMOS EEPROM
FEATURES
Precision Power Supply Voltage Monitor
5V, 3.3V, 3V & 2.5V systems
7 threshold voltage options
Active High or Low Reset
Valid reset guaranteed at VCC = 1V
10MHz SPI compatible
32-byte page write buffer
Low power CMOS technology
1,000,000 Program/Erase cycles
100 year data retention
Industrial temperature range
RoHS-compliant 8-pin SOIC package
For Ordering Information details, see page 14.
PIN CONFIGURATION
SOIC (W)
CS
¯¯
1
8 VCC
SO
2
7 RST/RST
¯¯¯¯
WP
¯¯¯
3
6 SCK
VSS 4
5 SI
DESCRIPTION
The CAT15008/16 (see table below) are memory and
supervisory solutions for microcontroller based systems. A
CMOS serial EEPROM memory and a system power
supervisor with brown-out protection are integrated
together. Memory interface is via
SPI bus serial
interface.
The CAT15008/16 provides a precision VCC sense
circuit with two reset output options: CMOS active low
output or CMOS active high. The RESET output is
active whenever VCC is below the reset threshold or
falls below the reset threshold voltage.
The power supply monitor and reset circuit protect
system controllers during power up/down and against
brownout conditions. Seven reset threshold voltages
support 5V, 3.3V, 3V and 2.5V systems. If power
supply voltages are out of tolerance reset signals
become active, preventing the system microcontroller,
ASIC or peripherals from operating. Reset signals
become inactive typically 240ms after the supply
voltage exceeds the reset threshold level.
MEMORY SIZE SELECTOR
Product
Memory density
15008
8-Kbit
15016
16-Kbit
PIN FUNCTION
Pin Name
Function
CS
¯¯
Chip Select
SO
Serial Data Output
WP
¯¯¯
Write Protect
VSS
Ground
SI
Serial Data Input
SCK
Serial Clock Input
RST/RST
¯¯¯¯
Reset Output
VCC
Power Supply
THRESHOLD SUFFIX SELECTOR
Nominal Threshold
Voltage
Threshold Suffix
Designation
4.63V
L
4.38V
M
4.00V
J
3.08V
T
2.93V
S
2.63V
R
2.32V
Z


Similar Part No. - CAT150089MWI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT150089MWI-GT3 ONSEMI-CAT150089MWI-GT3 Datasheet
194Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1125 Rev. B
More results

Similar Description - CAT150089MWI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT15008 ONSEMI-CAT15008 Datasheet
194Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1125 Rev. B
logo
Catalyst Semiconductor
CAT25080 CATALYST-CAT25080 Datasheet
253Kb / 17P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25080 ONSEMI-CAT25080 Datasheet
187Kb / 16P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
CAT25080LI-G ONSEMI-CAT25080LI-G Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAV25080YE-GT3 ONSEMI-CAV25080YE-GT3 Datasheet
160Kb / 13P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
November, 2011 ??Rev. 0
CAT25080LI ONSEMI-CAT25080LI Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT15002 ONSEMI-CAT15002 Datasheet
185Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1126 Rev. B
logo
Catalyst Semiconductor
CAT15002 CATALYST-CAT15002 Datasheet
304Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com