Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA575D Datasheet(PDF) 6 Page - ON Semiconductor

Part # SA575D
Description  Low Voltage Compandor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA575D Datasheet(HTML) 6 Page - ON Semiconductor

Back Button SA575D Datasheet HTML 2Page - ON Semiconductor SA575D Datasheet HTML 3Page - ON Semiconductor SA575D Datasheet HTML 4Page - ON Semiconductor SA575D Datasheet HTML 5Page - ON Semiconductor SA575D Datasheet HTML 6Page - ON Semiconductor SA575D Datasheet HTML 7Page - ON Semiconductor SA575D Datasheet HTML 8Page - ON Semiconductor SA575D Datasheet HTML 9Page - ON Semiconductor SA575D Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SA575
http://onsemi.com
6
Compressor
The typical compressor configuration is shown in
Figure 3. In this mode, the rectifier cell and variable gain
cell are in the feedback path. R6 and R7 provide the DC
feedback to the summing amplifier. The input is AC
coupled through C12 and output is AC coupled through C8.
In a system with inputs and outputs AC coupled, C8 and C12
could be eliminated and only R6, R7, C7, and C13 would be
required. If the external components R6, R7 and C7 are
eliminated, then the output of the summing amplifier will
motor-boat in absence of signals or at extremely low
signals. This is because there is no DC feedback path from
the output to input. In the presence of an AC signal this
phenomenon is not observed and the circuit will appear to
function properly.
The compressor gain expression and the attack and
release time constant is given by Equation 3 and
Equation 4, respectively.
(eq. 3)
4VIN(avg)
3.8 k
W x 100 mA
where VIN(avg) = 0.95VIN(RMS)
1/2
Compressor gain =
(eq. 4)
tR = tA = 10 kW x CRECT = 10 kW x C4
2.2
mF
4.7
mF
10
mF
10
mF
1
mF
VREF
S
DG
C7
8
12
14
COMP IN
COMP OUT
11
16
15
13
Figure 3. Typical Compressor Configuration
10k
W
10k
W
3.8k
W
30k
W
30k
W
C12
R6
R7
C8
C13
C9


Similar Part No. - SA575D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA575D PHILIPS-SA575D Datasheet
102Kb / 14P
   Low voltage compandor
1997 Nov 07
SA575DK PHILIPS-SA575DK Datasheet
102Kb / 14P
   Low voltage compandor
1997 Nov 07
logo
ON Semiconductor
SA575DTBG ONSEMI-SA575DTBG Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
SA575DTBR2G ONSEMI-SA575DTBR2G Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
More results

Similar Description - SA575D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
   Low voltage compandor
1997 Nov 07
logo
TOKO, Inc
TK10651 TOKO-TK10651 Datasheet
124Kb / 12P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575DTBG ONSEMI-SA575DTBG Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575_16 Datasheet
232Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575DTBR2G ONSEMI-SA575DTBR2G Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575 Datasheet
230Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
NXP Semiconductors
SA576 PHILIPS-SA576 Datasheet
77Kb / 7P
   Low power compandor
1997 Aug 14
NE576 PHILIPS-NE576 Datasheet
102Kb / 3P
   Low Power Compandor
December 1993
logo
ON Semiconductor
LA8630MC ONSEMI-LA8630MC Datasheet
197Kb / 8P
   Low Voltage and Current Dissipation Compandor IC
January 2016 - Rev. 0
logo
Sanyo Semicon Device
LA8630 SANYO-LA8630 Datasheet
133Kb / 6P
   Low Voltage and Current Dissipation Compandor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com