Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25160VIT3 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT25160VIT3
Description  8-Kb and 16-Kb SPI Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25160VIT3 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT25160VIT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT25160VIT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT25160VIT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT25160VIT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT25160VIT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25160VIT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25160VIT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25160VIT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25160VIT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CAT25080, CAT25160
Doc. No. 1122 Rev. A
4
© 2006 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PIN DESCRIPTION
SI:
The serial data input pin accepts op-codes,
addresses and data. In SPI modes (0,0) and (1,1)
input data is latched on the rising edge of the SCK
clock input.
SO:
The serial data output pin is used to transfer data
out of the device. In SPI modes (0,0) and (1,1) data is
shifted out on the falling edge of the SCK clock.
SCK:
The serial clock input pin accepts the clock
provided by the host and used for synchronizing
communication between host and CAT25080/160.
CS
¯¯ :
The chip select input pin is used to enable/disable
the CAT25080/160. When CS
¯¯ is high, the SO output is
tri-stated (high impedance) and the device is in
Standby Mode (unless an internal write operation is in
progress). Every communication session between host
and CAT25080/160 must be preceded by a high to low
transition and concluded with a low to high transition of
the CS
¯¯ input.
WP
¯¯¯:
The write protect input pin will allow all write
operations to the device when held high. When WP
¯¯¯
pin is tied low and the WPEN bit in the Status
Register (refer to Status Register description, later in
this Data Sheet) is set to “1”, writing to the Status
Register is disabled.
HOLD
¯¯¯¯¯:
The HOLD
¯¯¯¯¯ input pin is used to pause trans–
mission between host and CAT25080/160, without
having to retransmit the entire sequence at a later
time. To pause, HOLD
¯¯¯¯¯ must be taken low and to
resume it must be taken back high, with the SCK
input low during both transitions. When not used for
pausing, the HOLD
¯¯¯¯¯ input should be tied to VCC,
either directly or through a resistor.
FUNCTIONAL DESCRIPTION
The CAT25080/160 devices support the Serial Periphe–
ral Interface (SPI) bus protocol, modes (0,0) and (1,1).
The device contains an 8-bit instruction register. The
instruction set and associated op-codes are listed in
Table 1.
Reading data stored in the CAT25080/160 is accom–
plished by simply providing the READ command and an
address. Writing to the CAT25080/160, in addition to a
WRITE command, address and data, also requires
enabling the device for writing by first setting certain bits
in a Status Register, as will be explained later.
After a high to low transition on the CS
¯¯ input pin, the
CAT25080/160 will accept any one of the six instruction
op-codes listed in Table 1 and will ignore all other
possible 8-bit combinations. The communication proto–
col follows the timing from Figure 1.
Table 1: Instruction Set
Instruction
Opcode
Operation
WREN
0000 0110 Enable Write Operations
WRDI
0000 0100 Disable Write Operations
RDSR
0000 0101 Read Status Register
WRSR
0000 0001 Write Status Register
READ
0000 0011 Read Data from Memory
WRITE
0000 0010 Write Data to Memory
Figure 1. Synchronous Data Timing
Note:
Dashed Line = mode (1, 1) - - - - - -
VALID IN
VIH
VIL
tCSS
VIH
VIL
VIH
VIL
VOH
VOL
HI-Z
tSU
tH
tWH
tWL
tV
tCS
tCSH
tHO
tDIS
HI-Z
CS
SCK
SI
SO
tRI
tFI


Similar Part No. - CAT25160VIT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25160VI-GT3 ONSEMI-CAT25160VI-GT3 Datasheet
187Kb / 16P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
CAT25160VI-GT3 ONSEMI-CAT25160VI-GT3 Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT25160VI-GT3 ONSEMI-CAT25160VI-GT3 Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT25160VI-GT3 ONSEMI-CAT25160VI-GT3 Datasheet
312Kb / 18P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
CAT25160VI-T3 ONSEMI-CAT25160VI-T3 Datasheet
187Kb / 16P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
More results

Similar Description - CAT25160VIT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25080 ONSEMI-CAT25080 Datasheet
187Kb / 16P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
CAT25080LI-G ONSEMI-CAT25080LI-G Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAV25080YE-GT3 ONSEMI-CAV25080YE-GT3 Datasheet
160Kb / 13P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
November, 2011 ??Rev. 0
CAT25080LI ONSEMI-CAT25080LI Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT15008 ONSEMI-CAT15008 Datasheet
194Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1125 Rev. B
logo
Catalyst Semiconductor
CAT15008 CATALYST-CAT15008 Datasheet
353Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
CAT25080 ONSEMI-CAT25080_18 Datasheet
312Kb / 18P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com