Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25160YIT3 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT25160YIT3
Description  8-Kb and 16-Kb SPI Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25160YIT3 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT25160YIT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25160YIT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25160YIT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25160YIT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25160YIT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT25160YIT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT25160YIT3 Datasheet HTML 11Page - Catalyst Semiconductor CAT25160YIT3 Datasheet HTML 12Page - Catalyst Semiconductor CAT25160YIT3 Datasheet HTML 13Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CAT25080, CAT25160
© 2006 Catalyst Semiconductor, Inc.
9
Doc. No. 1122 Rev. A
Characteristics subject to change without notice
SCK
SI
SO
00
00
0
0
1
1
BYTE ADDRESS*
0
1
2
3
4
5
6
7
8
9
10
20
21
22
23
24
25
26
27
28
29
30
7
6
5
4
3
2
1
0
* Please check the Byte Address Table (Table 5).
CS
DATA OUT
MSB
HIGH IMPEDANCE
AN
A0
OPCODE
READ OPERATIONS
Read from Memory Array
To read from memory, the host sends a READ
instruction followed by a 16-bit address (see Table 5 for
the number of significant address bits).
After receiving the last address bit, the CAT25080/160
will respond by shifting out data on the SO pin (as
shown in Figure 8). Sequentially stored data can be
read out by simply continuing to run the clock. The
internal address pointer is automatically incremented to
the next higher address as data is shifted out. After
reaching the highest memory address, the address
counter “rolls over” to the lowest memory address, and
the read cycle can be continued indefinitely. The read
operation is terminated by taking CS
¯¯ high.
Read Status Register
To read the status register, the host simply sends a
RDSR command. After receiving the last bit of the
command, the CAT25080/160 will shift out the contents
of the status register on the SO pin (Figure 9). The
status register may be read at any time, including during
an internal write cycle.
Figure 8. READ Timing
Note:
Dashed Line = mode (1, 1) - - - - - -
Figure 9. RDSR Timing
Note:
Dashed Line = mode (1, 1) - - - - - -
01
2
3
4
5
6
7
8
10
911
12
13
14
SCK
SI
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
SO
7
6
5
4
3
2
1
0
CS
00
0
00
1
0
1


Similar Part No. - CAT25160YIT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25160YI-GT3 ONSEMI-CAT25160YI-GT3 Datasheet
187Kb / 16P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
CAT25160YI-GT3 ONSEMI-CAT25160YI-GT3 Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT25160YI-GT3 ONSEMI-CAT25160YI-GT3 Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT25160YI-GT3 ONSEMI-CAT25160YI-GT3 Datasheet
312Kb / 18P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
CAT25160YI-T3 ONSEMI-CAT25160YI-T3 Datasheet
187Kb / 16P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
More results

Similar Description - CAT25160YIT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25080 ONSEMI-CAT25080 Datasheet
187Kb / 16P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
CAT25080LI-G ONSEMI-CAT25080LI-G Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAV25080YE-GT3 ONSEMI-CAV25080YE-GT3 Datasheet
160Kb / 13P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
November, 2011 ??Rev. 0
CAT25080LI ONSEMI-CAT25080LI Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT15008 ONSEMI-CAT15008 Datasheet
194Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1125 Rev. B
logo
Catalyst Semiconductor
CAT15008 CATALYST-CAT15008 Datasheet
353Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
CAT25080 ONSEMI-CAT25080_18 Datasheet
312Kb / 18P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com