Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA575N Datasheet(PDF) 4 Page - ON Semiconductor

Part # SA575N
Description  Low Voltage Compandor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA575N Datasheet(HTML) 4 Page - ON Semiconductor

  SA575N Datasheet HTML 1Page - ON Semiconductor SA575N Datasheet HTML 2Page - ON Semiconductor SA575N Datasheet HTML 3Page - ON Semiconductor SA575N Datasheet HTML 4Page - ON Semiconductor SA575N Datasheet HTML 5Page - ON Semiconductor SA575N Datasheet HTML 6Page - ON Semiconductor SA575N Datasheet HTML 7Page - ON Semiconductor SA575N Datasheet HTML 8Page - ON Semiconductor SA575N Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SA575
http://onsemi.com
4
Functional Description
This section describes the basic subsystems and
applications of the SA575 Compandor. More theory of
operation on compandors can be found in AND8159 and
AND8160. The typical applications of the SA575 low
voltage compandor in an Expandor (1:2), Compressor (2:1)
and Automatic Level Control (ALC) function are
explained. These three circuit configurations are shown in
Figures 2, 3, and 4 respectively.
The SA575 has two channels for a complete companding
system. The left channel, A, can be configured as a 1:2
Expandor while the right channel, B, can be configured as
either a 2:1 Compressor, a 1:2 Expandor or an ALC. Each
channel consists of the basic companding building blocks
of rectifier cell, variable gain cell, summing amplifier
and VREF cell. In addition, the SA575 has two additional
high performance uncommitted op amps which can be
utilized for application such as filtering, pre-emphasis/
de-emphasis or buffering.
Figure 5 shows the complete schematic for the
applications demo board. Channel A is configured as an
expandor while channel B is configured so that it can be
used either as a compressor or as an ALC circuit. The
switch, S1, toggles the circuit between compressor and
ALC mode. Jumpers J1 and J2 can be used to either include
the additional op amps for signal conditioning or exclude
them from the signal path. Bread boarding space is
provided for R1, R2, C1, C2, R10, R11, C10 and C11 so that
the response can be tailored for each individual need. The
components as specified are suitable for the complete
audio spectrum from 20 Hz to 20 kHz.
The most common configuration is as a unity gain
non-inverting buffer where R1, C1, C2, R10, C10 and C11 are
eliminated and R2 and R11 are shorted. Capacitors C3, C5,
C8, and C12 are for DC blocking. In systems where the
inputs and outputs are AC coupled, these capacitors and
resistors can be eliminated. Capacitors C4 and C9 are for
setting the attack and release time constant.
C6 is for decoupling and stabilizing the voltage reference
circuit. The value of C6 should be such that it will offer a
very low impedance to the lowest frequencies of interest.
Too small a capacitor will allow supply ripple to modulate
the audio path. The better filtered the power supply, the
smaller this capacitor can be. R12 provides DC reference
voltage to the amplifier of channel B. R6 and R7 provide a
DC feedback path for the summing amp of channel B,
while C7 is a short-circuit to ground for signals. C14 and C15
are for power supply decoupling. C14 can also be
eliminated if the power supply is well regulated with very
low noise and ripple.
Demonstrated Performance
The applications demo board was built and tested for a
frequency range of 20 Hz to 20 kHz with the component
values as shown in Figure 5 and VCC = 5.0 V. In the
expandor mode, the typical input dynamic range was from
-34 dB to +12 dB where 0 dB is equal to 100 mVRMS. The
typical unity gain level measured at 0 dB @ 1.0 kHz input
was
"0.5 dB and the typical tracking error was "0.1 dB
for input range of -30 to +10 dB.
In the compressor mode, the typical input dynamic range
was from -42 dB to
"18 dB with a tracking error +0.1 dB
and the typical unity gain level was
"0.5 dB.
In the ALC mode, the typical input dynamic range was
from -42 dB to +8.0 dB with typical output deviation of
"0.2 dB about the nominal output of 0 dB. For input
greater than +9.0 dB in ALC configuration, the summing
amplifier sometimes exhibits high frequency oscillations.
There are several solutions to this problem. The first is to
lower the values of R6 and R7 to 20 k
W each. The second
is to add a current limiting resistor in series with C12 at
Pin 13. The third is to add a compensating capacitor of
about 22 to 30 pF between the input and output of summing
amplifier (Pins 12 and 14). With any one of the above
recommendations, the typical ALC mode input range
increased to +18 dB yielding a dynamic range of over
60 dB.


Similar Part No. - SA575N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
   Low voltage compandor
1997 Nov 07
SA5752 PHILIPS-SA5752 Datasheet
114Kb / 13P
   Audio processor - companding, VOX and amplifier section
1997 Nov 07
SA5752D PHILIPS-SA5752D Datasheet
398Kb / 8P
   Audio processor-companding, VOX and amplifier section
June 4 1992
SA5752DK PHILIPS-SA5752DK Datasheet
114Kb / 13P
   Audio processor - companding, VOX and amplifier section
1997 Nov 07
SA5752DK PHILIPS-SA5752DK Datasheet
398Kb / 8P
   Audio processor-companding, VOX and amplifier section
June 4 1992
More results

Similar Description - SA575N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
   Low voltage compandor
1997 Nov 07
logo
TOKO, Inc
TK10651 TOKO-TK10651 Datasheet
124Kb / 12P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575DTBG ONSEMI-SA575DTBG Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575_16 Datasheet
232Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575DTBR2G ONSEMI-SA575DTBR2G Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575 Datasheet
230Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
NXP Semiconductors
SA576 PHILIPS-SA576 Datasheet
77Kb / 7P
   Low power compandor
1997 Aug 14
NE576 PHILIPS-NE576 Datasheet
102Kb / 3P
   Low Power Compandor
December 1993
logo
ON Semiconductor
LA8630MC ONSEMI-LA8630MC Datasheet
197Kb / 8P
   Low Voltage and Current Dissipation Compandor IC
January 2016 - Rev. 0
logo
Sanyo Semicon Device
LA8630 SANYO-LA8630 Datasheet
133Kb / 6P
   Low Voltage and Current Dissipation Compandor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com