Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25020VP2I-GT3 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT25020VP2I-GT3
Description  1K/2K/4K SPI Serial CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25020VP2I-GT3 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT25020VP2I-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT25020VP2I-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT25020VP2I-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT25020VP2I-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT25020VP2I-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25020VP2I-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25020VP2I-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25020VP2I-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25020VP2I-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 1006, Rev. S
FEATURES
I 10 MHz SPI compatible
I 1.8 to 5.5 volt operation
I SPI modes (00 & 11)
I 16-byte page write buffer
I Self-timed write cycle
I Hardware and software protection
I Block write protection
– Protect 1/4, 1/2 or all of EEPROM array
I Low power CMOS technology
I 1,000,000 program/erase cycles
I 100 year data retention
I Industrial temperature range
I RoHS-compliant 8-lead PDIP, SOIC, TSSOP
and 8-pad TDFN packages.
PIN CONFIGURATION
PIN FUNCTIONS
Pin Name
Function
SO
Serial Data Output
SCK
Serial Clock
WP
Write Protect
VCC
+1.8V to +5.5V Power Supply
VSS
Ground
CS
Chip Select
SI
Serial Data Input
HOLD
Suspends Serial Input
CAT25010, CAT25020, CAT25040
1K/2K/4K SPI Serial CMOS EEPROM
DESCRIPTION
The CAT25010/20/40 is a 1K/2K/4K Bit SPI Serial
CMOS EEPROM internally organized as 128x8/256x8/
512x8 bits. Catalyst’s advanced CMOS Technology
substantially reduces device power requirements. The
CAT25010/20/40 features a 16-byte page write buffer.
The device operates via the SPI bus serial interface and
is enabled though a Chip Select (
CS). The HOLD pin
may be used to suspend any serial communication
without resetting the serial sequence. The CAT25010/
20/40 is designed with software and hardware write
protection features including Block Write protection.
PDIP (L)
SOIC (V)
TSSOP (Y)
TDFN (VP2)
8
7
6
5
VCC
HOLD
SCK
SI
WP
CS
SO
VSS
1
2
3
4
FUNCTIONAL SYMBOL
VCC
VSS
SO
SI
CS
WP
HOLD
SCK
CAT25010
CAT25020
CAT25040
For Ordering Information details, see page 17.


Similar Part No. - CAT25020VP2I-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25020VP2I-GT3 CATALYST-CAT25020VP2I-GT3 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25020VP2I-GT3 ONSEMI-CAT25020VP2I-GT3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
More results

Similar Description - CAT25020VP2I-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
logo
Asahi Kasei Microsystem...
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com