Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


MC100EPT25DTG Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC100EPT25DTG
Description  −3.3V / −5V Differential ECL to 3.3V LVTTL Translator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 4 page
background image
MC100EPT25
http://onsemi.com
4
Table 6. AC CHARACTERISTICS VCC = 3.0 V to 3.6 V; VEE = −5.5 V to −3.0 V; GND = 0.0 V (Note 4)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Frequency
(See Figure 2 Fmax/JITTER)
275
275
275
MHz
tPLH, tPHL Propagation Delay to Output Differential
(Cross−Point to 1.5 V)
500
950
1300
800
950
1600
800
960
1600
ps
tSKPP
Device−to−Device Skew (Note 5)
500
500
500
ps
tJITTER
Random Clock Jitter (RMS)
(See Figure 2 Fmax/JITTER)
0.2
< 1
0.2
< 1
0.2
< 1
ps
VPP
Input Voltage Swing (Differential)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times
Q, Q
(0.8 V − 2.0 V)
300
900
474
1160
600
1400
300
900
459
1100
600
1400
300
900
457
1100
600
1400
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
4. Measured with a 750 mV 50% duty−cycle clock source. RL = 500 W to GND and CL = 20 pF to GND. Refer to Figure 3.
5. Skews are measured between outputs under identical conditions.
0
400
800
1200
1600
2000
2400
2800
25
100
175
250
325
400
475
550
625
1
2
3
4
5
6
7
Figure 2. Fmax/Jitter
FREQUENCY (MHz)
(JITTER)
VOH
VOL  0.5 V




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC10EP90_06−3.3V / −5V Triple ECL Input to LVPECL/PECL Output Translator 1 2 3 4 5 MoreON Semiconductor
MC100EL90_06−3.3V / −5V Triple ECL Input to PECL Output Translator 1 2 3 4 5 ON Semiconductor
MC10ELT24_065V TTL to Differential ECL Translator 1 2 3 4 5 MoreON Semiconductor
MC10ELT25_06−5 V Differential ECL to TTL Translator 1 2 3 4 5 MoreON Semiconductor
MC10E404_065 V ECL Quad Differential AND/NAND 1 2 3 4 5 MoreON Semiconductor
MC10EP16VA_063.3V / 5V ECL Differential Receiver/Driver with High Gain 1 2 3 4 5 MoreON Semiconductor
MC10H680_064−Bit Differential ECL Bus to TTL Bus Transceiver 1 2 3 4 5 MoreON Semiconductor
MC100ELT23_065 V Dual Differential PECL to TTL Translator 1 2 3 4 5 MoreON Semiconductor
MC10E411_065V ECL 1:9 Differential PECL/NECL RAMBus Clock Buffer 1 2 3 4 5 MoreON Semiconductor
MC10LVEP11_062.5V / 3.3V ECL 1:2 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl