Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY359-1500 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BY359-1500
Description  Damper diode fast, high-voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY359-1500 Datasheet(HTML) 3 Page - NXP Semiconductors

  BY359-1500 Datasheet HTML 1Page - NXP Semiconductors BY359-1500 Datasheet HTML 2Page - NXP Semiconductors BY359-1500 Datasheet HTML 3Page - NXP Semiconductors BY359-1500 Datasheet HTML 4Page - NXP Semiconductors BY359-1500 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Philips Semiconductors
Product specification
Damper diode
BY359-1500, BY359-1500S
fast, high-voltage
Fig.3. Maximum non-repetitive rms forward current.
I
F = f(tp); sinusoidal current waveform; Tj = 150˚C prior
to surge with reapplied V
RWM.
Fig.4. Transient thermal impedance Z
th = f(tp)
Fig.5. BY359-1500 forward characteristic I
F = f(VF);
parameter T
j
Fig.6. BY359-1500S forward characteristic I
F = f(VF);
parameter T
j
1ms
10ms
0.1s
1s
10s
tp / s
IFS(RMS) / A
BY359
80
70
60
50
40
30
20
10
0
IFSM
0
30
20
10
0
1.0
2.0
IF / A
VF / V
max
typ
Tj=150C
Tj=25C
BY359
1us
10us
100us
1ms
10ms
100ms
1s
10s
0.001
0.01
0.1
1
10
BY359
pulse width, tp (s)
Transient thermal impedance, Zth j-mb (K/W)
D =
tp
tp
T
T
P
t
D
0
30
20
10
0
1.0
2.0
IF / A
VF / V
max
typ
Tj=150C
Tj=25C
BY359S
September 1998
3
Rev 1.300


Similar Part No. - BY359-1500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY359-1500 PHILIPS-BY359-1500 Datasheet
38Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY359-1500S PHILIPS-BY359-1500S Datasheet
38Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
More results

Similar Description - BY359-1500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY329X-1500 PHILIPS-BY329X-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359F-1500 PHILIPS-BY359F-1500 Datasheet
37Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
20Kb / 4P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
logo
Frontier Electronics.
BY329X-1500 FRONTIER-BY329X-1500 Datasheet
62Kb / 2P
   DAMPER DIODE FAST , HIGH VOLTAGE
logo
NXP Semiconductors
BY329-1700S PHILIPS-BY329-1700S Datasheet
33Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359-1500 PHILIPS-BY359-1500 Datasheet
38Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459DX-1500 PHILIPS-BY459DX-1500 Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.100
BY459X-1500 PHILIPS-BY459X-1500 Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.000
BY479X-1700 PHILIPS-BY479X-1700 Datasheet
42Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.200
BY559-1500U PHILIPS-BY559-1500U Datasheet
15Kb / 3P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com