Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100LVEL30 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100LVEL30
Description  3.3V ECL Triple D Flip?묯lop with Set and Reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL30 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100LVEL30_06 Datasheet HTML 1Page - ON Semiconductor MC100LVEL30_06 Datasheet HTML 2Page - ON Semiconductor MC100LVEL30_06 Datasheet HTML 3Page - ON Semiconductor MC100LVEL30_06 Datasheet HTML 4Page - ON Semiconductor MC100LVEL30_06 Datasheet HTML 5Page - ON Semiconductor MC100LVEL30_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 7
1
Publication Order Number:
MC100LVEL30/D
MC100LVEL30
3.3VECL Triple D Flip−Flop
with Set and Reset
Description
The MC100LVEL30 is a triple master−slave D flip−flop with
differential outputs. Data enters the master latch when the clock input
is LOW and transfers to the slave upon a positive transition on the
clock input.
In addition to a common Set input individual Reset inputs are
provided for each flip−flop. Both the Set and Reset inputs function
asynchronous and overriding with respect to the clock inputs.
Features
1200 MHz Minimum Toggle Frequency
450 ps Typical Propagation Delays
ESD Protection: >2 kV Human Body Model
The 100 Series Contains Temperature Compensation.
PECL Mode Operating Range:
VCC = 3.0 V to 3.8 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −3.0 V to −3.8 V
Internal Input 75 kW Pulldown Resistors
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity:
Pb Pkg
Level 1,
Pb−Free Pkg
Level 3
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 347 devices
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
*For additional marking information, refer to
Application Note AND8002/D.
MARKING DIAGRAM*
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
SO−20 WB
DW SUFFIX
CASE 751D
20
1
100LVEL30
AWLYYWWG


Similar Part No. - MC100LVEL30_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL30DWG ONSEMI-MC100LVEL30DWG Datasheet
145Kb / 6P
   ECL Triple D Flip?륡lop with Set and Reset
July, 2016 ??Rev. 8
MC100LVEL30DWR2G ONSEMI-MC100LVEL30DWR2G Datasheet
145Kb / 6P
   ECL Triple D Flip?륡lop with Set and Reset
July, 2016 ??Rev. 8
MC100LVEL30 ONSEMI-MC100LVEL30_16 Datasheet
145Kb / 6P
   ECL Triple D Flip?륡lop with Set and Reset
July, 2016 ??Rev. 8
More results

Similar Description - MC100LVEL30_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP31 ONSEMI-MC10EP31_06 Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC100EL30 ONSEMI-MC100EL30_06 Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
MC100LVEL29 ONSEMI-MC100LVEL29_06 Datasheet
120Kb / 6P
   3.3V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
November, 2006 ??Rev. 5
MC100LVEL30 ONSEMI-MC100LVEL30_16 Datasheet
145Kb / 6P
   ECL Triple D Flip?륡lop with Set and Reset
July, 2016 ??Rev. 8
MC10EP29 ONSEMI-MC10EP29_06 Datasheet
173Kb / 11P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
December, 2006 ??Rev. 4
MC100LVEL31 ONSEMI-MC100LVEL31_06 Datasheet
136Kb / 8P
   3.3V ECL D Flip-Flop with Set and Reset
December, 2006 ??Rev. 3
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
MC74VHC74 ONSEMI-MC74VHC74 Datasheet
159Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
March, 2006 ??Rev. 5
MC74VHCT74A ONSEMI-MC74VHCT74A_06 Datasheet
86Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
July, 2006 ??Rev. 5
MC100EL29 ONSEMI-MC100EL29_06 Datasheet
116Kb / 6P
   5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
October, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com