Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24FC64 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT24FC64
Description  64K-Bit I2C Serial CMOS EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC64 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT24FC64_05 Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC64_05 Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC64_05 Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC64_05 Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC64_05 Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC64_05 Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC64_05 Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC64_05 Datasheet HTML 9Page - Catalyst Semiconductor CAT24FC64_05 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Discontinued
Part
CAT24FC64
7
Doc No. 1046, Rev. K
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
READ OPERATIONS
The READ operation for the CAT24FC64 is initiated in
the same manner as the write operation with one
exception, that R/
W bit is set to one. Three different
READ operations are possible: Immediate/Current
Address READ, Selective/Random READ and
Sequential READ.
Immediate/Current Address Read
The CAT24FC64’s address counter contains the address
of the last byte accessed, incremented by one. In other
words, if the last READ or WRITE access was to address
N, the READ immediately following would access data
from address N+1. If N=E (where E=8,191), then the
counter will ‘wrap around’ to address 0 and continue to
clock out data. After the CAT24FC64 receives its slave
address information (with the R/
W bit set to one), it
issues an acknowledge, then transmits the 8 bit byte
requested. The master device does not send an
acknowledge, but will generate a STOP condition.
Selective/Random Read
Selective/Random READ operations allow the Master
device to select at random any memory location for a
READ operation. The Master device first performs a
‘dummy’ write operation by sending the START condition,
slave address and byte addresses of the location it
wishes to read. After CAT24FC64 acknowledges, the
Master device sends the START condition and the slave
address again, this time with the R/
W bit set to one. The
CAT24FC64 then responds with its acknowledge and
sends the 8-bit byte requested. The master device does
not send an acknowledge but will generate a STOP
condition.
Sequential Read
The Sequential READ operation can be initiated by
either the Immediate Address READ or Selective READ
operations. After the CAT24FC64 sends the initial 8-bit
byte requested, the Master will respond with an
acknowledge which tells the device it requires more
data. The CAT24FC64 will continue to output an 8-bit
byte for each acknowledge sent by the Master. The
operation will terminate when the Master fails to respond
with an acknowledge, thus sending the STOP condition.
The data being transmitted from CAT24FC64 is outputted
sequentially with data from address N followed by data
from address N+1. The READ operation address counter
increments all of the CAT24FC64 address bits so that
the entire memory array can be read during one operation.
If more than E (where E=8,191) bytes are read out, the
counter will ‘wrap around’ and continue to clock out data
bytes.
Figure 8. Immediate Address Read Timing
SCL
SDA
8TH BIT
STOP
NO ACK
DATA OUT
89
SLAVE
ADDRESS
S
A
C
K
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
N
O
A
C
K
DATA
S
T
O
P
P


Similar Part No. - CAT24FC64_05

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC64JETE13 CATALYST-CAT24FC64JETE13 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64JETE13REV-D CATALYST-CAT24FC64JETE13REV-D Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64JITE13 CATALYST-CAT24FC64JITE13 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64JITE13REV-D CATALYST-CAT24FC64JITE13REV-D Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64KETE13 CATALYST-CAT24FC64KETE13 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24FC64_05

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24LC64-I MICROCHIP-24LC64-I Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
24LC64-I-ST MICROCHIP-24LC64-I-ST Datasheet
370Kb / 26P
   64K I2C??Serial EEPROM
07/28/03
24AA64 MICROCHIP-24AA64 Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
24AA64T-IMC MICROCHIP-24AA64T-IMC Datasheet
1Mb / 44P
   64K I2C??Serial EEPROM
1997-2012
24AA64-SN MICROCHIP-24AA64-SN Datasheet
1Mb / 44P
   64K I2C??Serial EEPROM
1997-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com