Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100LVEL17DWG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100LVEL17DWG
Description  3.3V ECL Quad Differential Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL17DWG Datasheet(HTML) 2 Page - ON Semiconductor

  MC100LVEL17DWG Datasheet HTML 1Page - ON Semiconductor MC100LVEL17DWG Datasheet HTML 2Page - ON Semiconductor MC100LVEL17DWG Datasheet HTML 3Page - ON Semiconductor MC100LVEL17DWG Datasheet HTML 4Page - ON Semiconductor MC100LVEL17DWG Datasheet HTML 5Page - ON Semiconductor MC100LVEL17DWG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC100LVEL17
http://onsemi.com
2
D1
Figure 1. Logic Diagram and Pinout: (Top View)
D1
D2
D3
17
18
16
15
14
13
12
4
3
5678
9
Q0
11
10
Q1
Q1
Q2
Q2
Q3
Q3
VEE
D0
19
20
2
1
VCC
Q0
D0
D2
VCC
D3
VBB
Warning: All VCC and VEE pins must be externally connected to Power
Supply to guarantee proper operation.
* All VCC pins are tied together on the die.
Table 1. PIN DESCRIPTION
FUNCTION
ECL Differential Data Inputs
ECL Differential Data Outputs
Reference Voltage Output
Positive Supply
Negative Supply
PIN
Dn, Dn
Qn, Qn
VBB
VCC
VEE
Table 2. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 kW
Internal Input Pullup Resistor
75 kW
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 200 V
> 4 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
141
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Similar Part No. - MC100LVEL17DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL17DWG ONSEMI-MC100LVEL17DWG Datasheet
152Kb / 7P
   3.3 V ECL Quad Differential Receiver
July, 2016 ??Rev. 9
More results

Similar Description - MC100LVEL17DWG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
ON Semiconductor
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
MC100LVEL16 ONSEMI-MC100LVEL16_06 Datasheet
142Kb / 9P
   3.3V ECL Differential Receiver
December, 2006 ??Rev. 5
logo
Fairchild Semiconductor
100LVEL16 FAIRCHILD-100LVEL16 Datasheet
141Kb / 6P
   3.3V ECL Differential Receiver
logo
ON Semiconductor
MC100LVEL16 ONSEMI-MC100LVEL16_15 Datasheet
101Kb / 9P
   3.3V ECL Differential Receiver
July, 2015 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17_16 Datasheet
200Kb / 11P
   ECL Quad Differential Driver/Receiver
July, 2016 ??Rev. 9
MC100EL17 ONSEMI-MC100EL17_06 Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com