Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24C03ZIT3 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT24C03ZIT3
Description  1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C03ZIT3 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT24C03ZIT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C03ZIT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C03ZIT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C03ZIT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C03ZIT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C03ZIT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C03ZIT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C03ZIT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C03ZIT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 1115, Rev. C
CAT24C01/02/04/08/16
1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
PIN CONFIGURATION
FUNCTIONAL SYMBOL
FEATURES
Supports Standard and Fast I2C Protocol
1.8 V to 5.5 V Supply Voltage Range
16-Byte Page Write Buffer
Hardware Write Protection for entire memory
Schmitt Triggers and Noise Suppression Filters
on I2C Bus Inputs (SCL and SDA).
Low power CMOS technology
1,000,000 program/erase cycles
100 year data retention
Industrial temperature range
RoHS-compliant 8-lead PDIP, SOIC, MSOP
and TSSOP, 8-pad TDFN and 5-lead TSOT-23
packages.
PDIP (L)
SOIC (W)
TSSOP (Y)
MSOP (Z)
TDFN (VP2)
VCC
VSS
SDA
SCL
WP
CAT24Cxx
A2, A1, A0
DEVICE DESCRIPTION
The CAT24C01/02/04/08/16 are 1-Kb, 2-Kb, 4-Kb,
8-Kb and 16-Kb respectively CMOS Serial EEPROM
devices organized internally as 8/16/32/64 and 128
pages respectively of 16 bytes each. All devices support
both the Standard (100 kHz) as well as Fast (400 kHz)
I2C protocol.
Data is written by providing a starting address, then
loading 1 to 16 contiguous bytes into a Page Write
Buffer, and then writing all data to non-volatile memory
in one internal write cycle. Data is read by providing a
starting address and then shifting out data serially while
automatically incrementing the internal address count.
External address pins make it possible to address
up to eight CAT24C01 or CAT24C02, four CAT24C04,
two CAT24C08 and one CAT24C16 device on the
same bus.
8
7
6
5
VCC
WP
SCL
SDA
NC / A2 / A2 / A2 / A2
NC / NC / NC / A0 / A0
CAT24C16 / 08 / 04 / 02 / 01
NC / NC / A1 / A1 / A1
VSS
1
2
3
4
For the location of Pin 1, please consult the corresponding package drawing.
PIN FUNCTIONS
A0, A1, A2
Device Address Inputs
SDA
Serial Data Input/Output
SCL
Serial Clock Input
WP
Write Protect Input
VCC
Power Supply
VSS
Ground
NC
No Connect
* Catalyst carries the I2C protocol under a license from the Philips Corporation.
TSOT-23 (TD)
5
4
WP
VCC
SCL
VSS
SDA
1
2
3
For Ordering Information details, see page 16.


Similar Part No. - CAT24C03ZIT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C03ZI-GT3 ONSEMI-CAT24C03ZI-GT3 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
CAT24C03ZI-T3 ONSEMI-CAT24C03ZI-T3 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
More results

Similar Description - CAT24C03ZIT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C04WI-GT3JN ONSEMI-CAT24C04WI-GT3JN Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAV24C02 ONSEMI-CAV24C02 Datasheet
151Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
April, 2011 ??Rev. 1
CAV24C02YE-GT3 ONSEMI-CAV24C02YE-GT3 Datasheet
148Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
May, 2011 ??Rev. 2
CAV24C02 ONSEMI-CAV24C02_15 Datasheet
122Kb / 15P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2015 ??Rev. 4
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com