Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF14BW-CS Datasheet(PDF) 5 Page - AZ Displays

Part # SF14BW-CS
Description  black and white camera incorporates the 1/4 Omni Vision CMOS image sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

SF14BW-CS Datasheet(HTML) 5 Page - AZ Displays

  SF14BW-CS Datasheet HTML 1Page - AZ Displays SF14BW-CS Datasheet HTML 2Page - AZ Displays SF14BW-CS Datasheet HTML 3Page - AZ Displays SF14BW-CS Datasheet HTML 4Page - AZ Displays SF14BW-CS Datasheet HTML 5Page - AZ Displays SF14BW-CS Datasheet HTML 6Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5.
Electronically specifications
SF14BW-CS
Pickup device
1/4"OmniVision CMOS
System of signal
EIA/CCIR
Number of pixels
EIA: 320 (H) ×240 (V),
CCIR: 352 (H) ×228 (V)
Sync. system
Internal
Horizontal resolution
320TV Line
S/N ratio
>46dB
Minimum illumination
O.5LUX
Backlight compensation:
Auto
AGC
Auto
Electronic shutter
1/60-1/6000S
Gamma correction:
>0.45
Video output
1Vp-p
75 ohm
Power supply
DC 12V 90mA
Lens
3.6mm
Operation temperature
-10V ~ +60V
Dimensions
32mm(H)X32mm(V), 38mm(H)X38mm(V), 38mm(H) X 55mm(V)
7.
Enviroment parameter
Operating temperature -20~60
Relative humidity
5~95% RH
Storage temperature
-25 ~+70
Relative humidity
0~95% RH
SF14BW-CS
AZ DISPLAYS, INC.
Page 5 of 6
C
0
C
0


Similar Part No. - SF14BW-CS

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF14 MOSPEC-SF14 Datasheet
137Kb / 2P
   POWER RECTIFIERS(1.0A,50-400V)
logo
SAMYANG ELECTRONICS CO....
SF14 SAMYANG-SF14 Datasheet
1Mb / 2P
   SUPER FAST RECTIFIERS
logo
Diotech Company.
SF14 DIOTECH-SF14 Datasheet
677Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
GOOD-ARK Electronics
SF14 GOOD-ARK-SF14 Datasheet
227Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Taiwan Semiconductor Co...
SF14 TSC-SF14 Datasheet
377Kb / 4P
   Super Fast Rectifiers
More results

Similar Description - SF14BW-CS

ManufacturerPart #DatasheetDescription
logo
AZ Displays
SF13CR-CS AZDISPLAYS-SF13CR-CS Datasheet
2Mb / 6P
   color camera incorporates the 1/3 Omni Vision CMOS image sensor
SF14CR-CCD AZDISPLAYS-SF14CR-CCD Datasheet
3Mb / 6P
   color camera incorporates the Sharp 1/4 CCD image sensor
logo
Sanyo Semicon Device
SIS0100 SANYO-SIS0100 Datasheet
80Kb / 3P
   Black and White Image Sensor Camera Module
logo
Sony Corporation
ICX058AL SONY-ICX058AL Datasheet
332Kb / 17P
   1/3-inch CCD Image Sensor for EIA Black-and-White Video Camera
logo
ams AG
CMV50000 AMSCO-CMV50000 Datasheet
4Mb / 136P
   47.5MP CMOS Machine Vision Image Sensor
CMV8000 AMSCO-CMV8000 Datasheet
2Mb / 90P
   8MP CMOS Machine Vision Image Sensor
v1-00 2019-Jun-12
CMV4000 AMSCO-CMV4000 Datasheet
3Mb / 67P
   4.2 Megapixel machine vision CMOS image sensor
CMV2000 AMSCO-CMV2000 Datasheet
3Mb / 64P
   2.2 Megapixel machine vision CMOS image sensor
CMV12000 AMSCO-CMV12000 Datasheet
1Mb / 80P
   12 Megapixel machine vision CMOS image sensor
logo
Sony Corporation
ICX058CL SONY-ICX058CL Datasheet
203Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA Black-and-White Video Camera
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com