Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24WC129JA-3TE13 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT24WC129JA-3TE13
Description  128K-Bit I2C Serial CMOS EEPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC129JA-3TE13 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT24WC129JA-3TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC129JA-3TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC129JA-3TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC129JA-3TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC129JA-3TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC129JA-3TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC129JA-3TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC129JA-3TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC129JA-3TE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Discontinued
Part
1
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 1079, Rev. V
ALO
GEN FR
TM
LEAD FREE
DESCRIPTION
The CAT24WC129 is a 128K-bit Serial CMOS E2PROM
internally organized as 16384 words of 8 bits each.
Catalyst’s advanced CMOS technology substantially
* Catalyst Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
I Write Protect Feature
– Top 1/4 Array Protected When WP at V
IH
I 100,000 Program/Erase Cycles
I 100 Year Data Retention
I 8-Pin DIP or 8-Pin SOIC
I "Green" Package Options Available
reduces
device
power
requirements.
The
CAT24WC129 features a 64-byte page write buffer.
The device operates via the I2C bus serial interface and
is available in 8-pin DIP or 8-pin SOIC packages.
PIN CONFIGURATION
BLOCK DIAGRAM
PIN FUNCTIONS
Pin Name
Function
SDA
Serial Data/Address
SCL
Serial Clock
WP
Write Protect
VCC
+1.8V to +6V Power Supply
VSS
Ground
CAT24WC129
128K-Bit I2C Serial CMOS EEPROM
I 1MHz I2C Bus Compatible*
I 1.8 to 6 Volt Operation
I Low Power CMOS Technology
I 64-Byte Page Write Buffer
I Self-Timed Write Cycle with Auto-Clear
I Commercial, Industrial and Automotive
Temperature Ranges
FEATURES
DIP Package (P, L)
SOIC Package (J, W, K, X)
NC
NC
VSS
NC
NC
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
NC
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
VSS
NC
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
STATE COUNTERS
EEPROM
256X512
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
VSS
WP
SCL
SDA
256
512


Similar Part No. - CAT24WC129JA-3TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129 Datasheet
74Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
More results

Similar Description - CAT24WC129JA-3TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC128 CATALYST-CAT24WC128_05 Datasheet
404Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24LC128 MICROCHIP-24LC128 Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128 MICROCHIP-24AA128_07 Datasheet
443Kb / 26P
   128K I2C CMOS Serial EEPROM
2007
24FC128 MICROCHIP-24FC128 Datasheet
450Kb / 26P
   128K I2C CMOS Serial EEPROM
2004
24LC128-I-PG MICROCHIP-24LC128-I-PG Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128SM MICROCHIP-24AA128SM Datasheet
952Kb / 38P
   128K I2C CMOS Serial EEPROM
01/05/10
24AA128 MICROCHIP-24AA128_09 Datasheet
618Kb / 32P
   128K I2C??CMOS Serial EEPROM
2009
24AA128-I MICROCHIP-24AA128-I Datasheet
361Kb / 26P
   128K I2C CMOS Serial EEPROM
12/08/06
logo
Catalyst Semiconductor
CAT24WC128 CATALYST-CAT24WC128 Datasheet
43Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
CAT24WC129 CATALYST-CAT24WC129 Datasheet
74Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com