Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24WC12833XI-1.8TE13 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT24WC12833XI-1.8TE13
Description  128K-Bit I2C Serial CMOS EEPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC12833XI-1.8TE13 Datasheet(HTML) 8 Page - Catalyst Semiconductor

  CAT24WC12833XI-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC12833XI-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC12833XI-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC12833XI-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC12833XI-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC12833XI-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC12833XI-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC12833XI-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC12833XI-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CAT24WC128
8
Doc. No. 1038, Rev. E
ORDERING INFORMATION
Notes:
(1) The device used in the above example is a 24WC128KI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 6 Volt Operating
Voltage, Tape & Reel)
(2) Product die revision letter is marked on top of the package as a suffix to the production date code (e.g. AYWWA). For additional
information, please contact your Catalyst sales office.
Figure 10. Sequential Read Timing
BUS ACTIVITY:
MASTER
SDA LINE
DATA n+x
DATA n
A
C
K
A
C
K
DATA n+1
A
C
K
S
T
O
P
N
O
A
C
K
DATA n+2
A
C
K
P
SLAVE
ADDRESS
Temperature Range
Blank = Commercial (0
° - 70°C)
I = Industrial (-40
° - 85°C)
A = Automotive (-40
° - 105°C)*
* -40
° to +125°C is available upon request
Prefix
Device #
Suffix
24WC128
K
I
TE13
Product
Number
Tape & Reel
Operating Voltage
Blank: 2.5V - 6.0V
1.8: 1.8V - 6.0V
-1.8
CAT
Optional
Company ID
Package
P: PDIP
K: SOIC (EIAJ)
J: SOIC (JEDEC)
U14: 14 pin TSSOP
L: PDIP (Lead free, Halogen free)
X: SOIC (EIAJ, Lead free, Halogen free)
W: SOIC (JEDEC, Lead free, Halogen free)
Y: TSSOP (Lead free, Halogen free)
Rev A(2)
Die Revision


Similar Part No. - CAT24WC12833XI-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC128 CATALYST-CAT24WC128 Datasheet
43Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
More results

Similar Description - CAT24WC12833XI-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24LC128 MICROCHIP-24LC128 Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128 MICROCHIP-24AA128_07 Datasheet
443Kb / 26P
   128K I2C CMOS Serial EEPROM
2007
24FC128 MICROCHIP-24FC128 Datasheet
450Kb / 26P
   128K I2C CMOS Serial EEPROM
2004
24LC128-I-PG MICROCHIP-24LC128-I-PG Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128SM MICROCHIP-24AA128SM Datasheet
952Kb / 38P
   128K I2C CMOS Serial EEPROM
01/05/10
24AA128 MICROCHIP-24AA128_09 Datasheet
618Kb / 32P
   128K I2C??CMOS Serial EEPROM
2009
24AA128-I MICROCHIP-24AA128-I Datasheet
361Kb / 26P
   128K I2C CMOS Serial EEPROM
12/08/06
logo
Catalyst Semiconductor
CAT24WC128 CATALYST-CAT24WC128 Datasheet
43Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
CAT24WC129 CATALYST-CAT24WC129 Datasheet
74Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com