Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT34RC02 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT34RC02
Description  2-kb I2C Serial EEPROM, Serial Presence Detect
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT34RC02 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT34RC02_05 Datasheet HTML 4Page - Catalyst Semiconductor CAT34RC02_05 Datasheet HTML 5Page - Catalyst Semiconductor CAT34RC02_05 Datasheet HTML 6Page - Catalyst Semiconductor CAT34RC02_05 Datasheet HTML 7Page - Catalyst Semiconductor CAT34RC02_05 Datasheet HTML 8Page - Catalyst Semiconductor CAT34RC02_05 Datasheet HTML 9Page - Catalyst Semiconductor CAT34RC02_05 Datasheet HTML 10Page - Catalyst Semiconductor CAT34RC02_05 Datasheet HTML 11Page - Catalyst Semiconductor CAT34RC02_05 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Discontinued
Part
CAT34RC02
8
Doc. No. 1052, Rev. O
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Figure 10. Software Write Protect (Write)
Figure 9. Memory Array
* For PSWP A
0 is at normal CMOS levels and for RSWP, A0 is at VHV which must be held high beyond the end
of the STOP condition (approximately 1
µs of “overlap” is sufficient).
address counter can be ‘initialized’ by performing a
‘dummy’ WRITE operation (Fig. 12). The START
condition is followed by the Slave address (with the R/
W
bit set to ‘0’) and the desired byte address. Instead of
following up with data, the Master then issues a 2nd
START, followed by the ‘Immediate Address Read’
sequence, as described earlier.
Software Write Protectable
(by setting the write
protect flags)
FFH
00H
7FH
Hardware Write Protectable
(by connecting WP pin to
Vcc)
BYTE
ADDRESS
SLAVE
ADDRESS
S
A
C
K
A
C
K
DATA
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
XXXXXXX
XXXXXXX
X = Don't Care
XX
Sequential Read
If the Master acknowledges the 1st data byte transmitted
by the CAT34RC02, then the device will continue
transmitting as long as each data byte is acknowledged
by the Master (Fig. 13). If the end of memory is reached
during sequential READ, the address counter will ‘wrap-
around’ to the beginning of memory, etc. Sequential
READ works with either ‘Immediate Address Read’ or
‘Selective Read’, the only difference being the starting
byte address.


Similar Part No. - CAT34RC02_05

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34RC02GYITE13 CATALYST-CAT34RC02GYITE13 Datasheet
433Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02JETE13REV-E CATALYST-CAT34RC02JETE13REV-E Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02JITE13REV-E CATALYST-CAT34RC02JITE13REV-E Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02LETE13REV-E CATALYST-CAT34RC02LETE13REV-E Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02LITE13REV-E CATALYST-CAT34RC02LITE13REV-E Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
More results

Similar Description - CAT34RC02_05

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02 Datasheet
433Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
34RC02 CATALYST-34RC02 Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34FC02 CATALYST-CAT34FC02 Datasheet
451Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02 Datasheet
49Kb / 10P
   2K-Bit I2C Serial EEPROM, Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02_11 Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect TSSOP?? Y SUFFIX
March, 2011 ??Rev. 17
logo
STMicroelectronics
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com