Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25C16V1I-1.8T3 Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT25C16V1I-1.8T3
Description  8K/16K SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C16V1I-1.8T3 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT25C16V1I-1.8T3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C16V1I-1.8T3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C16V1I-1.8T3 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C16V1I-1.8T3 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C16V1I-1.8T3 Datasheet HTML 11Page - Catalyst Semiconductor CAT25C16V1I-1.8T3 Datasheet HTML 12Page - Catalyst Semiconductor CAT25C16V1I-1.8T3 Datasheet HTML 13Page - Catalyst Semiconductor CAT25C16V1I-1.8T3 Datasheet HTML 14Page - Catalyst Semiconductor CAT25C16V1I-1.8T3 Datasheet HTML 15Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
CAT25C08/16
Doc. No. 1016, Rev. C
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PACKAGE INFORMATION
8-LEAD 300 MIL WIDE PLASTIC DIP (L)
A
e
b
E1
b2
L
A2
A1
E
D
eB
24C16_8-LEAD_DIP_(300P).eps
SYMBOL
A
A1
b
b2
D
E
E1
e
eB
L
MIN
0.38
0.36
9.02
7.62
6.09
6.35
7.87
0.115
0.130
0.150
NOM
0.46
1.77
1.14
7.87
2.54 BSC
MAX
4.57
A2
3.05
3.81
0.56
10.16
8.25
7.11
9.65
Notes:
1.
All dimensions are in millimeters.
2.
Complies with JEDEC Standard MS001.
3.
Dimensioning and tolerancing per ANSI Y14.5M-1982


Similar Part No. - CAT25C16V1I-1.8T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C16 CATALYST-CAT25C16 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT25C16AG-12T CATALYST-CAT25C16AG-12T Datasheet
417Kb / 10P
   16K-Bit CMOS PARALLEL EEPROM
CAT25C16AG-20T CATALYST-CAT25C16AG-20T Datasheet
417Kb / 10P
   16K-Bit CMOS PARALLEL EEPROM
CAT25C16AG-90T CATALYST-CAT25C16AG-90T Datasheet
417Kb / 10P
   16K-Bit CMOS PARALLEL EEPROM
CAT25C16AGA-12T CATALYST-CAT25C16AGA-12T Datasheet
417Kb / 10P
   16K-Bit CMOS PARALLEL EEPROM
More results

Similar Description - CAT25C16V1I-1.8T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Microchip Technology
25AA080 MICROCHIP-25AA080 Datasheet
92Kb / 12P
   8K/16K 1.8V SPI Bus Serial EEPROM
1996
25C080 MICROCHIP-25C080 Datasheet
85Kb / 12P
   8K/16K 5.0V SPI Bus Serial EEPROM
1996
25LC080 MICROCHIP-25LC080 Datasheet
86Kb / 12P
   8K/16K 2.5V SPI O Bus Serial EEPROM
1996
logo
Fairchild Semiconductor
FM25C160U FAIRCHILD-FM25C160U Datasheet
102Kb / 11P
   16K-Bit SPI??Interface Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
logo
Microchip Technology
25AA160C MICROCHIP-25AA160C Datasheet
508Kb / 30P
   16K SPI Bus Serial EEPROM
2009
25LC160A MICROCHIP-25LC160A_06 Datasheet
441Kb / 24P
   16K SPI Bus Serial EEPROM
2006
logo
Renesas Technology Corp
R1EX25008ASA00G RENESAS-R1EX25008ASA00G Datasheet
587Kb / 22P
   Serial Peripheral Interface 8k EEPROM 16k EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com