Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10107 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10107
Description  Triple 2-Input Exclusive OR/ Exclusive NOR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10107 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10107 Datasheet HTML 1Page - ON Semiconductor MC10107 Datasheet HTML 2Page - ON Semiconductor MC10107 Datasheet HTML 3Page - ON Semiconductor MC10107 Datasheet HTML 4Page - ON Semiconductor MC10107 Datasheet HTML 5Page - ON Semiconductor MC10107 Datasheet HTML 6Page - ON Semiconductor MC10107 Datasheet HTML 7Page - ON Semiconductor MC10107 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10107
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
31
28
31
mAdc
Input Current
IinH
4, 9, 14
5, 7, 15
425
350
265
220
265
220
µAdc
IinL
*
0.5
0.5
0.3
µAdc
Output Voltage
Logic 1
VOH
2
2
3
3
–1.060
–1.060
–1.060
–1.060
–0.890
–0.890
–0.890
–0.890
–0.960
–0.960
–0.960
–0.960
–0.810
–0.810
–0.810
–0.810
–0.890
–0.890
–0.890
–0.890
–0.700
–0.700
–0.700
–0.700
Vdc
Output Voltage
Logic 0
VOL
2
2
3
3
–1.890
–1.890
–1.890
–1.890
–1.675
–1.675
–1.675
–1.675
–1.850
–1.850
–1.850
–1.850
–1.650
–1.650
–1.650
–1.650
–1.825
–1.825
–1.825
–1.825
–1.615
–1.615
–1.615
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
2
2
3
3
–1.080
–1.080
–1.080
–1.080
–0.980
–0.980
–0.980
–0.980
–0.910
–0.910
–0.910
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
2
2
3
3
–1.655
–1.655
–1.655
–1.655
–1.630
–1.630
–1.630
–1.630
–1.595
–1.595
–1.595
–1.595
Vdc
Switching Times (50
Ω Load)
Min
Typ
Max
ns
Propagation Delay
t++
t+ –
t–+
t– –
Inputs
4,9 or 14
to either
Output
–1.1
1.1
1.1
1.1
3.8
3.8
3.8
3.8
1.1
1.1
1.1
1.1
2.0
2.0
2.0
2.0
3.7
3.7
3.7
3.7
1.1
1.1
1.1
1.1
4.0
4.0
4.0
4.0
t++
t+ –
t–+
t– –
Inputs
5,7 or 15
to either
Output
1.1
1.1
1.1
1.1
3.8
3.8
3.8
3.8
1.1
1.1
1.1
1.1
2.8
2.8
2.8
2.8
3.7
3.7
3.7
3.7
1.1
1.1
1.1
1.1
4.0
4.0
4.0
4.0
Rise Time
(20 to 80%)
t+
**
1.1
3.5
1.1
2.5
3.5
1.1
3.8
Fall Time
(20 to 80%)
t–
**
1.1
3.5
1.1
2.5
3.5
1.1
3.8
* Individually test each input applying VIH or VIL to input under test.
** Any Output.


Similar Part No. - MC10107

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10107 ONSEMI-MC10107 Datasheet
104Kb / 5P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
1996 REV 5
More results

Similar Description - MC10107

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H107 ONSEMI-MC10H107 Datasheet
95Kb / 3P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
REV 5
MC10107 ONSEMI-MC10107 Datasheet
104Kb / 5P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
1996 REV 5
MC10H107 ONSEMI-MC10H107_06 Datasheet
151Kb / 6P
   Triple 2?묲nput Exclusive OR/Exclusive NOR Gate
February, 2006 ??Rev. 7
MC10H107 ONSEMI-MC10H107_16 Datasheet
136Kb / 5P
   Triple 2?륤nput Exclusive OR/Exclusive NOR Gate
August, 2016 ??Rev. 8
logo
Motorola, Inc
MC1674 MOTOROLA-MC1674 Datasheet
505Kb / 7P
   TRIPLE 2-INPUT EXCLUSIVE-NOR GATE
MC1672 MOTOROLA-MC1672 Datasheet
502Kb / 7P
   TRIPLE 2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
CD4070BM NSC-CD4070BM Datasheet
121Kb / 6P
   Quad 2-Input EXCLUSIVE-OR, NOR Gate
logo
Hitachi Semiconductor
HD14070B HITACHI-HD14070B Datasheet
65Kb / 6P
   Quadruple Exclusive-OR Gate, Quadruple Exclusive-NOR Gate
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
   2-INPUT EXCLUSIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com