Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28F512LI-12T Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT28F512LI-12T
Description  512K-Bit CMOS Flash Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F512LI-12T Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT28F512LI-12T Datasheet HTML 1Page - Catalyst Semiconductor CAT28F512LI-12T Datasheet HTML 2Page - Catalyst Semiconductor CAT28F512LI-12T Datasheet HTML 3Page - Catalyst Semiconductor CAT28F512LI-12T Datasheet HTML 4Page - Catalyst Semiconductor CAT28F512LI-12T Datasheet HTML 5Page - Catalyst Semiconductor CAT28F512LI-12T Datasheet HTML 6Page - Catalyst Semiconductor CAT28F512LI-12T Datasheet HTML 7Page - Catalyst Semiconductor CAT28F512LI-12T Datasheet HTML 8Page - Catalyst Semiconductor CAT28F512LI-12T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CAT28F512
2
Doc. No. 1084, Rev. H
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
VSS
I/O2
I/O1
I/O0
A0
A1
A2
A3
A4
A5
A6
A7
A12
A15
NC
VPP
VCC
WE
NC
A14
A13
A8
A9
A11
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
VSS
I/O2
I/O1
I/O0
A0
A1
A2
A3
A4
A5
A6
A7
A12
A15
NC
VPP
VCC
WE
NC
A14
A13
A8
A9
A11
I/O0
I/O1
I/O2
VSS
I/O6
I/O5
I/O4
I/O3
13
14
15
16
20
19
18
17
9
10
11
12
24
23
22
21
A3
A2
A1
A0
OE
A10
CE
I/O7
A7
A6
A5
A4
5
6
7
8
1
2
3
4
VPP
NC
A15
A12
A13
A8
A9
A11
28
27
26
25
32
31
30
29
VCC
WE
N/C
A14
A7
A6
A5
A4
5
6
7
8
A3
A2
A1
A0
9
10
11
12
I/O0
13
A14
A13
A8
A9
29
28
27
26
A11
OE
A10
CE
25
24
23
22
I/O7
21
14 15 16 17 18 19 20
4321 32 31 30
PIN CONFIGURATION
28F512 F03
TSOP Package (Reverse Pinout) (TR, HR)
PIN FUNCTIONS
Pin Name
Type
Function
A0–A15
Input
Address Inputs for
memory addressing
I/O0–I/O7
I/O
Data Input/Output
CE
Input
Chip Enable
OE
Input
Output Enable
WE
Input
Write Enable
VCC
Voltage Supply
VSS
Ground
VPP
Program/Erase
Voltage Supply
28F512 F01
DIP Package (P, L)
PLCC Package (N, G)
TSOP Package (Standard Pinout 8mm x 20mm) (T, H)


Similar Part No. - CAT28F512LI-12T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F512LI12 ONSEMI-CAT28F512LI12 Datasheet
107Kb / 16P
   512K-Bit CMOS Flash Memory
Doc. No. MD-1084, Rev. K
CAT28F512LI15 ONSEMI-CAT28F512LI15 Datasheet
107Kb / 16P
   512K-Bit CMOS Flash Memory
Doc. No. MD-1084, Rev. K
CAT28F512LI90 ONSEMI-CAT28F512LI90 Datasheet
107Kb / 16P
   512K-Bit CMOS Flash Memory
Doc. No. MD-1084, Rev. K
More results

Similar Description - CAT28F512LI-12T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F512 CATALYST-CAT28F512 Datasheet
97Kb / 14P
   512K-Bit CMOS Flash Memory
logo
ON Semiconductor
CAT28F512 ONSEMI-CAT28F512 Datasheet
107Kb / 16P
   512K-Bit CMOS Flash Memory
Doc. No. MD-1084, Rev. K
logo
Fujitsu Component Limit...
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Intel Corporation
28F512 INTEL-28F512 Datasheet
1Mb / 30P
   512K(64Kx8)CMOS FLASH MEMORY
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
   4M-BIT (512K X 8) CMOS FLASH MEMORY
logo
ACE Technology Co., LTD...
ACE25C512 ACE-ACE25C512 Datasheet
1Mb / 34P
   512K-BIT Serial Flash Memory
VER 1.2
logo
Winbond
W29C040 WINBOND-W29C040 Datasheet
261Kb / 20P
   512K X 8 CMOS FLASH MEMORY
W39L040A WINBOND-W39L040A Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
logo
Sanyo Semicon Device
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
   4M-bit (512K??) Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com