Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1403P1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC1403P1G
Description  Low Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1403P1G Datasheet(HTML) 4 Page - ON Semiconductor

  MC1403P1G Datasheet HTML 1Page - ON Semiconductor MC1403P1G Datasheet HTML 2Page - ON Semiconductor MC1403P1G Datasheet HTML 3Page - ON Semiconductor MC1403P1G Datasheet HTML 4Page - ON Semiconductor MC1403P1G Datasheet HTML 5Page - ON Semiconductor MC1403P1G Datasheet HTML 6Page - ON Semiconductor MC1403P1G Datasheet HTML 7Page - ON Semiconductor MC1403P1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC1403, B
http://onsemi.com
4
−10
−12
TA, TEMPERATURE (°C)
4.0
2.0
0
−2.0
−4.0
−6.0
−8.0
TA, TEMPERATURE (°C)
−12
−10
−8.0
−6.0
−4.0
−2.0
0
−14
Figure 3. Typical Change in Vout versus Vin
(Normalized to Vin = 15 V @ TC = 25°C)
Figure 4. Change in Output Voltage
versus Load Current
(Normalized to Vout @ Vin = 15 V, Iout = 0 mA)
Vin, INPUT VOLTAGE (V)
2.0
1.0
0
−1.0
−2.0
−3.0
−4.0
−5.0
−6.0
010
20
30
40
50
25
°C
0
°C
75
°C
Iout, OUTPUT CURRENT (mA)
10
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
75
°C
0
°C
25
°C
Figure 5. Quiescent Current versus Temperature
(Vin = 15 V, Iout = 0 mA)
TA, TEMPERATURE (°C)
0
1.25
1.20
1.15
1.10
1.05
1.00
0.95
0.90
80
60
40
20
0
−40
−20
Figure 6. Change in Vout versus Temperature
(Normalized to Vout @ Vin = 15 V)
Figure 7. Change in Vout versus Temperature
(Normalized to TA = 25°C, Vin = 15 V, Iout = 0 mA)
85
70
50
30
10
−10
−30
80
60
40
20
0
−40
−20
85
70
50
30
10
−10
−30
Vin = 5.0 V
Vin = 15 V
Iout = 2 mA
80
60
40
20
0
−40
−20
85
70
50
30
10
−10
−30
IO = 0 mA
= 2.0 mA
= 5.0 mA
= 8.0 mA


Similar Part No. - MC1403P1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1403P1 ONSEMI-MC1403P1 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
More results

Similar Description - MC1403P1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
127Kb / 8P
   Low Voltage Reference
logo
Maxim Integrated Produc...
MAX8069 MAXIM-MAX8069 Datasheet
147Kb / 4P
   Low-Voltage Reference
Rev 1; 9/06
logo
Renesas Technology Corp
ICL8069 RENESAS-ICL8069 Datasheet
365Kb / 6P
   Low Voltage Reference
Jan 2004
logo
Maxim Integrated Produc...
ICL8069BCSA MAXIM-ICL8069BCSA Datasheet
102Kb / 4P
   Low-Voltage Reference
19-0944; Rev 1; 3/99
logo
Renesas Technology Corp
ICL7665S RENESAS-ICL7665S Datasheet
765Kb / 6P
   Low Voltage Reference
Jan 2004
logo
Maxim Integrated Produc...
ICL8069 MAXIM-ICL8069_05 Datasheet
182Kb / 4P
   Low-Voltage Reference
Rev 2; 6/05
logo
Intersil Corporation
ICL8069 INTERSIL-ICL8069 Datasheet
19Kb / 4P
   Low Voltage Reference
logo
Maxim Integrated Produc...
ICL8069 MAXIM-ICL8069 Datasheet
177Kb / 5P
   Low-Voltage Reference
19-0944; Rev 2; 6/05
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
Catalyst Semiconductor
CAT431L CATALYST-CAT431L Datasheet
146Kb / 11P
   Low-Voltage Adjustable Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com