Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1488D Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC1488D
Description  Quad Line EIA??32D Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1488D Datasheet(HTML) 5 Page - ON Semiconductor

  MC1488D Datasheet HTML 1Page - ON Semiconductor MC1488D Datasheet HTML 2Page - ON Semiconductor MC1488D Datasheet HTML 3Page - ON Semiconductor MC1488D Datasheet HTML 4Page - ON Semiconductor MC1488D Datasheet HTML 5Page - ON Semiconductor MC1488D Datasheet HTML 6Page - ON Semiconductor MC1488D Datasheet HTML 7Page - ON Semiconductor MC1488D Datasheet HTML 8Page - ON Semiconductor MC1488D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC1488
http://onsemi.com
5
TYPICAL CHARACTERISTICS
(TA = +25°C, unless otherwise noted.)
2.0
1.8
1.6
1.4
1.2
0.4
0.2
0.6
0.8
1.0
−9.0
−3.0
0
3.0
6.0
−12
9.0
12
−6.0
0
VCC = VEE = ± 12 V
Vin, INPUT VOLTAGE (V)
VCC = VEE = ± 9.0 V
VCC = VEE = ± 6.0 V
Figure 9. Transfer Characteristics
versus Power Supply Voltage
VI
VO
3.0 k
IOS −
12
9.0
6.0
3.0
0
−3.0
−6.0
−9.0
−12
125
IOS +
75
−55
0
25
T, TEMPERATURE (
°C)
Figure 10. Short Circuit Output Current
versus Temperature
VEE = 9.0 V
0.8 V
VI
1.9 V
VCC = 9.0 V
1000
1.0
100
10,000
1,000
CL, CAPACITANCE (pF)
10
10
100
1.0
Figure 11. Output Slew Rate
versus Load Capacitance
VI
VO
CL
12
0
−4.0
−8.0
−12
−16
−20
4.0
8.0
16
−16
−12
−8.0
12
−4.0
4.0
16
8.0
20
0
3.0 k
W LOAD LINE
VO, OUTPUT VOLTAGE (V)
VO
IOS
1.9 V
VCC = VEE = ± 9.0V
0.8 V
VI
+
Figure 12. Output Voltage and
Current−Limiting Characteristics
25
4.0
6.0
8.0
10
12
14
−55
125
75
2.0
0
16
T, TEMPERATURE (
°C)
0
VEE
1
3.0 k
3.0 k
3.0 k
3.0 k
14
VCC
8
6
3
11
7
Figure 13. Maximum Operating Temperature
versus Power Supply Voltage


Similar Part No. - MC1488D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1488D ONSEMI-MC1488D Datasheet
157Kb / 8P
   QUAD MDTL LINE DRIVER EIA-232D
1996 REV 3
logo
STMicroelectronics
MC1488D STMICROELECTRONICS-MC1488D Datasheet
323Kb / 12P
   RS232C QUAD LINE DRIVER
logo
Texas Instruments
MC1488D TI-MC1488D Datasheet
133Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
ARTSCHIP ELECTRONICS CO...
MC1488D ARTSCHIP-MC1488D Datasheet
377Kb / 7P
   Quad Line Driver
logo
Motorola, Inc
MC1488D1 MOTOROLA-MC1488D1 Datasheet
323Kb / 12P
   RS-232C QUAD LINE DRIVER
More results

Similar Description - MC1488D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1489 ONSEMI-MC1489_06 Datasheet
156Kb / 12P
   Quad Line EIA??32D Receivers
October, 2006 ??Rev. 10
MC3488A ONSEMI-MC3488A_06 Datasheet
79Kb / 6P
   Dual EIA??23/EIA??32D Line Driver
July, 2006 ??Rev. 5
MC1488 ONSEMI-MC1488 Datasheet
157Kb / 8P
   QUAD MDTL LINE DRIVER EIA-232D
1996 REV 3
logo
Motorola, Inc
MC26C31 MOTOROLA-MC26C31 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
MC34C87 MOTOROLA-MC34C87 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
logo
Motorola, Inc
MC26C32 MOTOROLA-MC26C32 Datasheet
115Kb / 4P
   Quad EIA-422-A Line Receiver
MC34C86 MOTOROLA-MC34C86 Datasheet
116Kb / 4P
   Quad EIA-422-A Line Receiver CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com