Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28F001H-90TT Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT28F001H-90TT
Description  1 Megabit CMOS Boot Block Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F001H-90TT Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT28F001H-90TT Datasheet HTML 7Page - Catalyst Semiconductor CAT28F001H-90TT Datasheet HTML 8Page - Catalyst Semiconductor CAT28F001H-90TT Datasheet HTML 9Page - Catalyst Semiconductor CAT28F001H-90TT Datasheet HTML 10Page - Catalyst Semiconductor CAT28F001H-90TT Datasheet HTML 11Page - Catalyst Semiconductor CAT28F001H-90TT Datasheet HTML 12Page - Catalyst Semiconductor CAT28F001H-90TT Datasheet HTML 13Page - Catalyst Semiconductor CAT28F001H-90TT Datasheet HTML 14Page - Catalyst Semiconductor CAT28F001H-90TT Datasheet HTML 15Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CAT28F001
11
Doc. No. 1078, Rev. I
Bus
Operation
CommandComments
Write
Program
Data = 40H
Setup
Address = Bytes to be Programmed
Write
Program
Data to be programmed
Address = Byte to be Programmed
Read
Status Register Data.
Toggle OE or CE to update
Status Register
Check SR.7
Standby
1 = Ready, 0 = Busy
Repeat for subsequent bytes.
Full Status check can be done after each byte or after a sequence
of bytes.
Write FFH after the last byte programming operation to reset the
device to Read Array Mode.
Bus
Operation
CommandComments
Standby
Check SR.3
1 = VPP Low Detect
Standby
Check SR.3
1 = Byte Program Error
SR.3 MUST be cleared, if set during a program attempt, before
further attempts are allowed by the Write State Machine.
SR.3 is only cleared by the Clear Status Register Command, in
case where multiple bytes are programmed before full status is
checked.
If error is detected, clear the Status Register before attempting retry
or other error recovery.
START
WRITE 40H,
BYTE ADDRESS
READ STATUS
REGISTER
SR.7 = 1?
FULL STATUS
CHECK IF DESIRED
BYTE PROGRAM
COMPLETED
STATUS REGISTER DATA
READ (SEE ABOVE)
SR.3 = 0?
SR.4 = 0?
BYTE PROGRAM
SUCCESSFUL
NO
NO
WRITE BYTE
ADDRESS/DATA
FULL STATUS CHECK PROCEDURE
NO
VPP RANGE
ERROR
BYTE PROGRAM
ERROR
YES
YES
YES
Figure 4 Byte Programming Flowchart
IN-SYSTEM OPERATION
For on-board programming, the RP pin is the most
convenient means of altering the boot block. Before
issuing Program or Erase confirms commands, RP must
transition to VHH. Hold RP at this high voltage throughout
the program or erase interval (until after Status Register
confirm of successful completion). At this time, it can
return to VIH or VIL.


Similar Part No. - CAT28F001H-90TT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F001H-90TT ONSEMI-CAT28F001H-90TT Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
More results

Similar Description - CAT28F001H-90TT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010L90 ONSEMI-CAT28F010L90 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010P-15 ONSEMI-CAT28F010P-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com