Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10136P Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC10136P
Description  Universal Hexadecimal Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10136P Datasheet(HTML) 5 Page - ON Semiconductor

  MC10136P Datasheet HTML 1Page - ON Semiconductor MC10136P Datasheet HTML 2Page - ON Semiconductor MC10136P Datasheet HTML 3Page - ON Semiconductor MC10136P Datasheet HTML 4Page - ON Semiconductor MC10136P Datasheet HTML 5Page - ON Semiconductor MC10136P Datasheet HTML 6Page - ON Semiconductor MC10136P Datasheet HTML 7Page - ON Semiconductor MC10136P Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10136
http://onsemi.com
5
SWITCHING TIME TEST CIRCUIT AND WAVEFORMS @ 25
°C
50ohm termination to ground lo
cated in each scope channel input.
All input and output cables to the
scope are equal lengths of 50ohm
coaxial cable. Wire length should be
< 1/4 inch from TPin to input pin and
TPout to output pin.
Unused outputs are connected to a
50ohm resistor to ground.
NOTE:
tsetup is the minimum time before the positive
transition of the clock pulse (C) that information must
be present at the input D or S.
thold is the minimum time after the positive tran
sition of the clock pulse (C) that information must
remain unchanged at the input D or S.
INPUT PULSE
T+ = T- = 2.0 ±0.2 NS
(20 TO 80%)
CARRY IN
SET UP AND HOLD TIMES
tset (L)
tset (N)
thold (L)
thold (N)
C
Carry in
CIN
TPout
tsetup L
thold L
50%
thold H
tsetup H
Q
D or S
50%
C
50%
tC+Q+
tQ+
80%
50%
20%
Clock
COAX
COUT
Q3
Q2
Q1
Q0
C
D0
D1
D2
D3
S1
S2
tQ-
tC+Q-
VOUT
CLOCK
INPUT
VIN
Q Output
COAX
+0.31 V
TPin
+1.11 V
+0.31 V
+1.11 V
16
25 µF
1
0.1 µF
8
VEE = -3.2 VDC
VCC1 = VCC2 = +2.0 VDC
0.1 µF


Similar Part No. - MC10136P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10136 ONSEMI-MC10136 Datasheet
150Kb / 8P
   Universal Hexadecimal Counter
1996 REV 5
More results

Similar Description - MC10136P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H136 ONSEMI-MC10H136_06 Datasheet
155Kb / 8P
   Universal Hexadecimal Counter
February, 2006 ??Rev. 8
MC10H136 ONSEMI-MC10H136_16 Datasheet
146Kb / 6P
   Universal Hexadecimal Counter
August, 2016 ??Rev. 9
logo
Austin Semiconductor
AS10H536 AUSTIN-AS10H536 Datasheet
120Kb / 5P
   Universal Hexadecimal Counter
logo
ON Semiconductor
MC10H136 ONSEMI-MC10H136 Datasheet
116Kb / 4P
   Universal Hexadecimal Counter
REV 6
MC10136 ONSEMI-MC10136 Datasheet
150Kb / 8P
   Universal Hexadecimal Counter
1996 REV 5
logo
Motorola, Inc
MC10137 MOTOROLA-MC10137 Datasheet
130Kb / 6P
   Universal Decade Counter
logo
Keysight Technologies
53210A KEYSIGHT-53210A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
53230A KEYSIGHT-53230A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
E1420B KEYSIGHT-E1420B Datasheet
335Kb / 5P
   High-Performance VXI Universal Counter
53220A KEYSIGHT-53220A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com