Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1489PG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC1489PG
Description  Quad Line EIA??32D Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1489PG Datasheet(HTML) 1 Page - ON Semiconductor

  MC1489PG Datasheet HTML 1Page - ON Semiconductor MC1489PG Datasheet HTML 2Page - ON Semiconductor MC1489PG Datasheet HTML 3Page - ON Semiconductor MC1489PG Datasheet HTML 4Page - ON Semiconductor MC1489PG Datasheet HTML 5Page - ON Semiconductor MC1489PG Datasheet HTML 6Page - ON Semiconductor MC1489PG Datasheet HTML 7Page - ON Semiconductor MC1489PG Datasheet HTML 8Page - ON Semiconductor MC1489PG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 10
1
Publication Order Number:
MC1489/D
MC1489, MC1489A
Quad Line EIA−232D
Receivers
The MC1489 monolithic quad line receivers are designed to
interface data terminal equipment with data communications
equipment in conformance with the specifications of EIA Standard
No. EIA−232D.
Features
Input Resistance − 3.0 k to 7.0 kW
Input Signal Range − ± 30 V
Input Threshold Hysteresis Built In
Response Control
a) Logic Threshold Shifting
b) Input Noise Filtering
Pb−Free Packages are Available
MDTL Logic Output
Interconnecting
Cable
Interconnecting
Cable
MDTL Logic Input
Line Receiver
MC1489
Figure 1. Simplified Application
Line Driver
MC1488
PDIP−14
P SUFFIX
CASE 646
1
14
SOIC−14
D SUFFIX
CASE 751A
1
14
See general marking information in the device marking
section on page 9 of this data sheet.
DEVICE MARKING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
1
1
14
SOEIAJ−14
M SUFFIX
CASE 965
PIN CONNECTIONS
Input D
13
Response
Control B
Input A
Response
Control A
1
Ground
Input B
2
Output C
Response
Control C
Output D
VCC
14
Response
Control D
Output A
Input C
Output B
8
9
10
11
12
7
5
3
4
6
http://onsemi.com


Similar Part No. - MC1489PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1489PG ONSEMI-MC1489PG Datasheet
98Kb / 10P
   Quad Line Receivers
April, 2004 ??Rev. 8
More results

Similar Description - MC1489PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1488 ONSEMI-MC1488_06 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
MC3488A ONSEMI-MC3488A_06 Datasheet
79Kb / 6P
   Dual EIA??23/EIA??32D Line Driver
July, 2006 ??Rev. 5
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
   Quad line receivers
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML_13 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
logo
ON Semiconductor
MC1489 ONSEMI-MC1489 Datasheet
98Kb / 10P
   Quad Line Receivers
April, 2004 ??Rev. 8
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489 Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
logo
ARTSCHIP ELECTRONICS CO...
MC1489 ARTSCHIP-MC1489 Datasheet
2Mb / 9P
   QUAD LINE RECEIVERS
logo
Texas Instruments
DS96F173M TI1-DS96F173M_13 Datasheet
280Kb / 12P
[Old version datasheet]   DS96F173M/DS96F175C/DS96F175M EIA-485/EIA-422 Quad Differential Receivers
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com