Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10138P Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10138P
Description  Bi-Quinary Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10138P Datasheet(HTML) 3 Page - ON Semiconductor

  MC10138P Datasheet HTML 1Page - ON Semiconductor MC10138P Datasheet HTML 2Page - ON Semiconductor MC10138P Datasheet HTML 3Page - ON Semiconductor MC10138P Datasheet HTML 4Page - ON Semiconductor MC10138P Datasheet HTML 5Page - ON Semiconductor MC10138P Datasheet HTML 6Page - ON Semiconductor MC10138P Datasheet HTML 7Page - ON Semiconductor MC10138P Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10138
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Cur-
rent
IE
8
97
70
88
97
mAdc
Input Current
IinH
12
5,6,10,11
7
9
350
390
460
650
220
245
290
410
220
245
290
µAdc
IinL
All
0.5
0.5
0.3
µAdc
Output Voltage
Logic 1
VOH
3,14 (3.)
2,4,13,15 (2.)
–1.060
–1.060
–0.890
–0.890
–0.960
–0.960
–0.810
–0.810
–0.890
–0.890
–0.700
–0.700
Vdc
Output Voltage
Logic 0
VOL
3,14 (2.)
2,4,13,15 (3.)
–1.890
–1.890
–1.675
–1.675
–1.850
–1.850
–1.650
–1.650
–1.825
–1.825
–1.615
–1.615
Vdc
Threshold Voltage Logic 1
VOHA
2,4,13,15 (2.)
3,14 (3.)
13,15 (2.)
–1.080
–1.080
–1.080
–0.980
–0.980
–0.980
–0.910
–0.910
–0.910
Vdc
Threshold Voltage Logic 0
VOLA
2,4,13,15 (3.)
3,14 (2.)
13,15 (3.)
–1.655
–1.655
–1.655
–1.630
–1.630
–1.630
–1.595
–1.595
–1.595
Vdc
Switching Times
(50
Load)
ns
Propagation Clock Delays
Delay
t12+15+
t12+14+
t7+13+
t7+4+
t7+2+
t7+3+
15
14
13
4
2
3
1.4
1.4
1.4
1.4
1.4
1.4
5.0
5.0
5.2
5.2
5.2
5.2
1.5
1.5
1.5
1.5
1.5
1.5
3.5
3.5
3.5
3.5
3.5
3.5
4.8
4.8
5.0
5.0
5.0
5.0
1.5
1.5
1.5
1.5
1.5
1.5
5.3
5.3
5.5
5.5
5.5
5.5
t12+15–
t12+14–
t7+13–
t7+4–
t7+2–
t7+3–
15
14
13
4
2
3
1.4
1.4
1.4
1.4
1.4
1.4
5.0
5.0
5.2
5.2
5.2
5.2
1.5
1.5
1.5
1.5
1.5
1.5
3.5
3.5
3.5
3.5
3.5
3.5
4.8
4.8
5.0
5.0
5.0
5.0
1.5
1.5
1.5
1.5
1.5
1.5
5.3
5.3
5.5
5.5
5.5
5.5
Set Delay
t11+15+
t11+14–
15
14
1.4
1.4
5.2
5.2
1.5
1.5
5.0
5.0
1.5
1.5
5.5
5.5
Reset Delay
t9+14+
t9+15–
14
15
1.4
1.4
5.2
5.2
1.5
1.5
5.0
5.0
1.5
1.5
5.5
5.5
Rise Time
(20 to 80%)
t14+
t15+
14
15
1.1
1.1
4.7
4.7
1.1
1.1
2.5
2.5
4.5
4.5
1.1
1.1
5.0
5.0
Fall Time
(20 to 80%)
t14–
t15–
14
15
1.1
1.1
4.7
4.7
1.1
1.1
2.5
2.5
4.5
4.5
1.1
1.1
5.0
5.0
Counting Frequency
fcount
2
15
125
125
125
125
150
150
125
125
MHz
1. Individually test each input; apply VILmin to pin under test.
2. Set all four flip–flops by applying pulse
VIHmax
VILmin
to pins 5, 6, 10, and 11 prior to applying test voltage indicated.
3. Reset all four flip–flops by applying pulse
VIHmax
VILmin
to pin 9 prior to applying test voltage indicated.


Similar Part No. - MC10138P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10138 ONSEMI-MC10138 Datasheet
117Kb / 5P
   Bi-Quinary Counter
1996 REV 5
More results

Similar Description - MC10138P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10138 ONSEMI-MC10138 Datasheet
117Kb / 5P
   Bi-Quinary Counter
1996 REV 5
logo
Motorola, Inc
MPG1678 MOTOROLA-MPG1678 Datasheet
708Kb / 12P
   Bi-Quinary Counter
logo
National Semiconductor ...
74LS168 NSC-74LS168 Datasheet
131Kb / 6P
   54LS168 Synchronous Bi-Directional BCD Decade Counter
logo
Omron Electronics LLC
H7GP-C OMRON-H7GP-C Datasheet
397Kb / 7P
   Total Counter/Time Counter
logo
Pepperl+Fuchs Inc.
KCM-51-C PF-KCM-51-C Datasheet
263Kb / 2P
   Counter
KCM-51-V PF-KCM-51-V Datasheet
264Kb / 2P
   Counter
KCM-70-V PF-KCM-70-V Datasheet
243Kb / 2P
   Counter
KCM-70A-V PF-KCM-70A-V Datasheet
206Kb / 2P
   Counter
KCM-70A-C PF-KCM-70A-C Datasheet
206Kb / 2P
   Counter
KCM-70-C PF-KCM-70-C Datasheet
243Kb / 2P
   Counter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com