Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24WC32JATE13B Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT24WC32JATE13B
Description  32K/64K-Bit I2C Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC32JATE13B Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT24WC32JATE13B Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC32JATE13B Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC32JATE13B Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC32JATE13B Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC32JATE13B Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC32JATE13B Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC32JATE13B Datasheet HTML 9Page - Catalyst Semiconductor CAT24WC32JATE13B Datasheet HTML 10Page - Catalyst Semiconductor CAT24WC32JATE13B Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CAT24WC32/64
7
Doc. No. 1039, Rev. G
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
will accept both slave and byte addresses, but the
memory location accessed is protected from program-
ming by the device’s failure to send an acknowledge
after the first byte of data is received.
READ OPERATIONS
The READ operation for the CAT24WC32/64 is initiated
in the same manner as the write operation with one
exception, that R/
W bit is set to one. Three different
READ operations are possible: Immediate/Current Ad-
dress READ, Selective/Random READ and Sequential
READ.
Immediate/Current Address Read
The CAT24WC32/64’s address counter contains the
address of the last byte accessed, incremented by one.
In other words, if the last READ or WRITE access was
to address N, the READ immediately following would
access data from address N+1. If N=E (where E=4095
for 24WC32 and E=8191 for 24WC64), then the counter
will ‘wrap around’ to address 0 and continue to clock out
data. After the CAT24WC32/64 receives its slave ad-
dress information (with the R/
W bit set to one), it issues
an acknowledge, then transmits the 8 bit byte requested.
The master device does not send an acknowledge, but
will generate a STOP condition.
Selective/Random Read
Selective/Random READ operations allow the Master
device to select at random any memory location for a
READ operation. The Master device first performs a
‘dummy’ write operation by sending the START condi-
tion, slave address and byte addresses of the location it
wishes to read. After CAT24WC32/64 acknowledges,
the Master device sends the START condition and the
slave address again, this time with the R/
W bit set to one.
The CAT24WC32/64 then responds with its acknowl-
edge and sends the 8-bit byte requested. The master
device does not send an acknowledge but will generate
a STOP condition.
Sequential Read
The Sequential READ operation can be initiated by
either the Immediate Address READ or Selective READ
operations. After the CAT24WC32/64 sends the initial 8-
bit byte requested, the Master will respond with an
acknowledge which tells the device it requires more
data. The CAT24WC32/64 will continue to output an 8-
bit byte for each acknowledge sent by the Master. The
operation will terminate when the Master fails to respond
with an acknowledge, thus sending the STOP condition.
The data being transmitted from CAT24WC32/64 is
outputted sequentially with data from address N fol-
lowed by data from address N+1. The READ operation
address counter increments all of the CAT24WC32/64
address bits so that the entire memory array can be read
during one operation. If more than E (where E=4095 for
24WC32 and E=8191 for 24WC64) bytes are read out,
the counter will ‘wrap around’ and continue to clock out
data bytes.
Figure 8. Immediate Address Read Timing
24WC32/64 F10
SCL
SDA
8TH BIT
STOP
NO ACK
DATA OUT
89
SLAVE
ADDRESS
S
A
C
K
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
N
O
A
C
K
DATA
S
T
O
P
P


Similar Part No. - CAT24WC32JATE13B

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC32JATE13B CATALYST-CAT24WC32JATE13B Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS E2PROM
More results

Similar Description - CAT24WC32JATE13B

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32 Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com