Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT102 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT102
Description  Precision, Adjustable Shunt Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT102 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT102_05 Datasheet HTML 1Page - Catalyst Semiconductor CAT102_05 Datasheet HTML 2Page - Catalyst Semiconductor CAT102_05 Datasheet HTML 3Page - Catalyst Semiconductor CAT102_05 Datasheet HTML 4Page - Catalyst Semiconductor CAT102_05 Datasheet HTML 5Page - Catalyst Semiconductor CAT102_05 Datasheet HTML 6Page - Catalyst Semiconductor CAT102_05 Datasheet HTML 7Page - Catalyst Semiconductor CAT102_05 Datasheet HTML 8Page - Catalyst Semiconductor CAT102_05 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CAT102
Doc. No. 4007 Rev. M
2
© 2007 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
VIN Voltage
20
V
OUT Voltage
20
V
FB Voltage
20
V
VIN, OUT, FB Current
50
mA
Operating Junction Temperature (10s)
150
ºC
Lead Soldering Temperature (10s)
260
ºC
Storage Temperature Range
-65 to +150
ºC
ELECTRICAL CHARACTERISTICS
Electrical characteristics are guaranteed over the full operating temperature range of -40°C to +85°C with a
junction temperature from -40°C to +105°C unless otherwise specified. Ambient temperature must be de-rated
based upon power dissipation and package thermal characteristics.
1 Unless otherwise stated, test conditions are
VIN = 3V, FB = OUT, IOUT = 1mA.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Supply Voltage Range
2.2
18
V
IIN
Quiescent Supply Current
VOUT =1V
0.3
0.5
mA
TJ = 25˚ C
594
600
606
VFB
FB Threshold Reference Voltage
-40ºC <TJ<105ºC
592
608
mV
Line Regulation
VIN = 2.2V to VIN =18V
0.5
1
mV
Load Regulation
IOUT = 1mA to 10mA
4
8
mV
TCREF
Reference Temperature Deviation
-40ºC < TJ < 105ºC
25
50
ppm/ºC
IFB
FB Input Current
-500
500
nA
PSRR
Reference Power Supply Rejection
Frequency = 300kHz
35
45
dB
AV
Error Amplifier Open Loop Gain
IOUT = 2mA, VOUT = 1V
60
80
dB
BW
Unity Gain Frequency
IOUT = 2mA, VOUT = 1V
1
2
MHz
VOUT
Output Saturation voltage
IOUT = 20mA, VFB = HIGH
100
250
mV
TRANSC Output Transconductance
IOUT = 1mA to 20mA
2.5
mA/mV
ILEAK
Output Leakage Current
VOUT = 16V, VFB = 0
200
400
nA
IOUT(MAX)
Maximum Output Current
VOUT = 0.3V
20
mA
Notes:
(1) These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolongued time periods
may affect device reliability. All voltages are with respect to ground.
(2) Thermal Characteristics (ΘJA) of SOT-23 5-lead: 255°C/W


Similar Part No. - CAT102_05

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT102 CATALYST-CAT102_07 Datasheet
160Kb / 8P
   Precision, Adjustable Shunt Regulator (600mV Reference)
More results

Similar Description - CAT102_05

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com