Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1496BP Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC1496BP
Description  Balanced Modulators/Demodulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1496BP Datasheet(HTML) 3 Page - ON Semiconductor

  MC1496BP Datasheet HTML 1Page - ON Semiconductor MC1496BP Datasheet HTML 2Page - ON Semiconductor MC1496BP Datasheet HTML 3Page - ON Semiconductor MC1496BP Datasheet HTML 4Page - ON Semiconductor MC1496BP Datasheet HTML 5Page - ON Semiconductor MC1496BP Datasheet HTML 6Page - ON Semiconductor MC1496BP Datasheet HTML 7Page - ON Semiconductor MC1496BP Datasheet HTML 8Page - ON Semiconductor MC1496BP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC1496, MC1496B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 12 Vdc, VEE = −8.0 Vdc, I5 = 1.0 mAdc, RL = 3.9 kW, Re = 1.0 kW, TA = Tlow to Thigh,
all input and output characteristics are single−ended, unless otherwise noted.) (Note 1)
Characteristic
Fig.
Note
Symbol
Min
Typ
Max
Unit
Carrier Feedthrough
VC = 60 mVrms sine wave and
offset adjusted to zero
VC = 300 mVpp square wave:
offset adjusted to zero
offset not adjusted
fC = 1.0 kHz
fC = 10 MHz
fC = 1.0 kHz
fC = 1.0 kHz
5
1
VCFT
40
140
0.04
20
0.4
200
mVrms
mVrms
Carrier Suppression
fS = 10 kHz, 300 mVrms
fC = 500 kHz, 60 mVrms sine wave
fC = 10 MHz, 60 mVrms sine wave
5
2
VCS
40
65
50
dB
k
Transadmittance Bandwidth (Magnitude) (RL = 50 W)
Carrier Input Port, VC = 60 mVrms sine wave
fS = 1.0 kHz, 300 mVrms sine wave
Signal Input Port, VS = 300 mVrms sine wave
|VC| = 0.5 Vdc
8
8
BW3dB
300
80
MHz
Signal Gain (VS = 100 mVrms, f = 1.0 kHz; |VC|= 0.5 Vdc)
10
3
AVS
2.5
3.5
V/V
Single−Ended Input Impedance, Signal Port, f = 5.0 MHz
Parallel Input Resistance
Parallel Input Capacitance
6
rip
cip
200
2.0
kW
pF
Single−Ended Output Impedance, f = 10 MHz
Parallel Output Resistance
Parallel Output Capacitance
6
rop
coo
40
5.0
kW
pF
Input Bias Current
7
IbS
IbC
12
12
30
30
mA
IbS +
I1 ) I4
2
;IbC +
I8 ) I10
2
Input Offset Current
IioS = I1−I4; IioC = I8−I10
7
⎥ IioS
IioC
0.7
0.7
7.0
7.0
mA
Average Temperature Coefficient of Input Offset Current
(TA = −55°C to +125°C)
7
⎥ TCIio
2.0
nA/°C
Output Offset Current (I6−I9)
7
⎥ Ioo
14
80
mA
Average Temperature Coefficient of Output Offset Current
(TA = −55°C to +125°C)
7
⎥ TCIoo
90
nA/°C
Common−Mode Input Swing, Signal Port, fS = 1.0 kHz
9
4
CMV
5.0
Vpp
Common−Mode Gain, Signal Port, fS = 1.0 kHz, |VC|= 0.5 Vdc
9
ACM
−85
dB
Common−Mode Quiescent Output Voltage (Pin 6 or Pin 9)
10
Vout
8.0
Vpp
Differential Output Voltage Swing Capability
10
Vout
8.0
Vpp
Power Supply Current I6 +I12
Power Supply Current I14
7
6
ICC
IEE
2.0
3.0
4.0
5.0
mAdc
DC Power Dissipation
7
5
PD
33
mW
1. Tlow =0°C for MC1496
Thigh = +70°C for MC1496
= −40°C for MC1496B
= +125°C for MC1496B


Similar Part No. - MC1496BP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1496BP ONSEMI-MC1496BP Datasheet
310Kb / 14P
   BALANCED MODULATORS/DEMODULATORS
April, 2004 ??Rev. 9
More results

Similar Description - MC1496BP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1496 ONSEMI-MC1496 Datasheet
310Kb / 14P
   BALANCED MODULATORS/DEMODULATORS
April, 2004 ??Rev. 9
logo
Anaren Microwave
70668 ANAREN-70668 Datasheet
197Kb / 1P
   Modulators Balanced
70666 ANAREN-70666 Datasheet
192Kb / 1P
   Modulators Balanced
logo
List of Unclassifed Man...
SL1641C ETC1-SL1641C Datasheet
202Kb / 2P
   DOUBLE BALANCED MODULATORS
logo
Marki Microwave
M1B-0618 MARKIMICROWAVE-M1B-0618 Datasheet
215Kb / 2P
   DOUBLE-BALANCED MIXERS BI-PHASE MODULATORS
logo
Merrimac Industries, In...
BPM-2A-250 MERRIMAC-BPM-2A-250 Datasheet
186Kb / 1P
   BIPHASE MODULATORS
JPF-21F-1200B MERRIMAC-JPF-21F-1200B Datasheet
154Kb / 2P
   QUADRAPHASE MODULATORS
JTM-2A-10B MERRIMAC-JTM-2A-10B Datasheet
118Kb / 1P
   QUADRAPHASE MODULATORS
JPP-21R-10B MERRIMAC-JPP-21R-10B Datasheet
124Kb / 2P
   QUADRAPHASE MODULATORS
logo
SYNERGY MICROWAVE CORPO...
SBM-C4 SYNERGY-SBM-C4 Datasheet
267Kb / 3P
   BPSK MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com