Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28LV65L-25T Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT28LV65L-25T
Description  64K-Bit CMOS PARALLEL EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28LV65L-25T Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT28LV65L-25T Datasheet HTML 4Page - Catalyst Semiconductor CAT28LV65L-25T Datasheet HTML 5Page - Catalyst Semiconductor CAT28LV65L-25T Datasheet HTML 6Page - Catalyst Semiconductor CAT28LV65L-25T Datasheet HTML 7Page - Catalyst Semiconductor CAT28LV65L-25T Datasheet HTML 8Page - Catalyst Semiconductor CAT28LV65L-25T Datasheet HTML 9Page - Catalyst Semiconductor CAT28LV65L-25T Datasheet HTML 10Page - Catalyst Semiconductor CAT28LV65L-25T Datasheet HTML 11Page - Catalyst Semiconductor CAT28LV65L-25T Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CAT28LV65
11
Doc. No. 1024, Rev. D
ORDERING INFORMATION
Notes:
(1)
The device used in the above example is a CAT28LV65NI-25T (PLCC, Industrial temperature, 250 ns Access Time, Tape & Reel).
Prefix
Device #
Suffix
28LV65
Product
Number
CAT
Optional
Company
ID
N
I
T
Tape & Reel
Package
P: PDIP
J: SOIC (JEDEC)
K: SOIC (EIAJ)
N: PLCC
T13: TSOP (8mmx13.4mm)
-25
Temperature Range
Blank = Commercial (0˚C to +70˚C)
I = Industrial (-40˚C to +85˚C)
A = Automotive (-40˚ to +105˚C)*
Speed
15: 150ns
20: 200ns
25: 250ns
* -40˚C to +125˚C is available upon request
L: PDIP (Lead free, Halogen free)
W: SOIC (JEDEC) (Lead free, Halogen free)
X: SOIC (EIAJ) (Lead free, Halogen free)
G: PLCC (Lead free, Halogen free)
H13: TSOP (8mmx13.4mm) (Lead free, Halogen free)


Similar Part No. - CAT28LV65L-25T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28LV65LA15 ONSEMI-CAT28LV65LA15 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV65LA20 ONSEMI-CAT28LV65LA20 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV65LA25 ONSEMI-CAT28LV65LA25 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV65LI15 ONSEMI-CAT28LV65LI15 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV65LI20 ONSEMI-CAT28LV65LI20 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
More results

Similar Description - CAT28LV65L-25T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28C64B CATALYST-CAT28C64B_05 Datasheet
415Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2860B SII-S-2860B Datasheet
971Kb / 18P
   CMOS 64K-bit PARALLEL EEPROM
logo
Catalyst Semiconductor
28LV64 CATALYST-28LV64 Datasheet
527Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C65B CATALYST-CAT28C65B_05 Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BJ-20 ONSEMI-CAT28C64BJ-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com