Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25C256VI-1.8T3 Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT25C256VI-1.8T3
Description  128K/256K-Bit SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C256VI-1.8T3 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT25C256VI-1.8T3 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C256VI-1.8T3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C256VI-1.8T3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C256VI-1.8T3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C256VI-1.8T3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C256VI-1.8T3 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C256VI-1.8T3 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C256VI-1.8T3 Datasheet HTML 11Page - Catalyst Semiconductor CAT25C256VI-1.8T3 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
CAT25C128/256
Document No. 1018, Rev. I
Prefix
Device #
Suffix
25C128
V
I
Product
Number
25C128: 128K
25C256: 256K
Operating Voltage
Blank (VCC = 2.5V to 5.5V
1.8 (VCC = 1.8V to 5.5V)
- 1.8
CAT
Temperature Range
I = Industrial (-40˚C to +85˚C)
A = Automotive (-40˚C to +105˚C)
Optional
Company ID
E = Extended (-40˚C to +125˚C)
**CAT25C128 only
Package
L: PDIP
V: SOIC,
JEDEC**
X: SOIC, EIAJ(4)
Y14: 14-Pin TSSOP**
Y20: 20-Pin TSSOP**
Tape & Reel
T: Tape & Reel
2: 2000/Reel
3: 3000/Reel
Lead Finish
Blank: Matte-Tin
G: NiPdAu
T3
– G
ORDERING INFORMATION
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard finish is NiPdAu pre-plated (PPF).
(3) The device used in the above example is a CAT25C128VI-1.8-GT3 (SOIC, Industrial Temperature, 1.8V to 5.5V Operating Voltage,
NiPdAu, Tape & Reel).
(4) For SOIC, EIAJ (X) package the standard finish is Matte-Tin. This package is available in 2000 pcs/reel, i.e. CAT25C256XI-T2.
(5) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office.


Similar Part No. - CAT25C256VI-1.8T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C256 CATALYST-CAT25C256 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256K-1.8TE13 CATALYST-CAT25C256K-1.8TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256K-TE13 CATALYST-CAT25C256K-TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256KA-1.8TE13 CATALYST-CAT25C256KA-1.8TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C256KA-TE13 CATALYST-CAT25C256KA-TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
More results

Similar Description - CAT25C256VI-1.8T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C128 CATALYST-CAT25C128 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
   128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
logo
Samsung semiconductor
S524AD0XD1 SAMSUNG-S524AD0XD1 Datasheet
123Kb / 16P
   128K/256K-bit Serial EEPROM for Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com