Electronic Components Datasheet Search |
|
CAT28F001 Datasheet(PDF) 5 Page - Catalyst Semiconductor |
|
CAT28F001 Datasheet(HTML) 5 Page - Catalyst Semiconductor |
5 / 18 page CAT28F001 5 Doc. No. 1078, Rev. I SUPPLY CHARACTERISTICS Limits Symbol Parameter Min Max. Unit VLKO VCC Erase/Write Lock Voltage 2.5 V VCC VCC Supply Voltage 4.5 5.5 V VPPL VPP During Read Operations 0 6.5 V VPPH VPP During Erase/Program 11.4 12.6 V VHH RP, OE Unlock Voltage 11.4 12.6 V A.C. CHARACTERISTICS, Read Operation VCC = +5V ±10%, unless otherwise specified Note: (1) This parameter is tested initially and after a design or process change that affects the parameter. (2) Output floating (High-Z) is defined as the state where the external data line is no longer driven by the output buffer. (3) Input Rise and Fall Times (10% to 90%) < 10 ns. (4) Input Pulse Levels = 0.45V and 2.4V. For High Speed Input Pulse Levels 0.0V and 3.0V. (5) Input and Output Timing Reference = 0.8V and 2.0V. For High Speed Input and Output Timing Reference = 1.5V. (6) Low-Z is defined as the state where the external data may be driven by the output buffer but may not be valid. (7) For load and reference points, see Fig. 1 1.3V DEVICE UNDER TEST 1N914 3.3K CL = 100 pF OUT CL INCLUDES JIG CAPACITANCE INPUT PULSE LEVELS REFERENCE POINTS 2.0 V 0.8 V VCC - 0.3V 0.0 V Figure 1. A.C. Testing Input/Output Waveform(3)(4)(5) Testing Load Circuit (example) 1.3V DEVICE UNDER TEST 1N914 3.3K CL = 30 pF OUT CL INCLUDES JIG CAPACITANCE INPUT PULSE LEVELS REFERENCE POINTS 3.0 V 0.0 V 1.5 V Figure 2. Highspeed A.C. Testing Input/Output Waveform(3)(4)(5) Testing Load Circuit (example) C E D E J l o b m y S d r a d n a t S l o b m y Sr e t e m a r a P 0 9 - 1 0 0 F 8 2 ) 7 ( 2 1 - 1 0 0 F 8 2 ) 7 ( s t i n U n i Mx a Mn i Mx a M t V A V A t C R e m i T e l c y C d a e R0 90 2 1s n t V Q L E t E C E C e m i T s s e c c A 0 90 2 1s n t V Q V A t C C A e m i T s s e c c A s s e r d d A0 90 2 1s n t V Q L G t E O E O e m i T s s e c c A 5 30 5s n -t H O s s e r d d A m o r f d l o H t u p t u O E O / E C e g n a h C0 0 s n t X Q L G t Z L O ) 6 ( ) 1 ( E O Z - w o L n i t u p t u O o t 00 s n t X Q L E t Z L ) 6 ( ) 1 ( E C Z - w o L n i t u p t u O o t 00 s n t Z Q H G t F D ) 2 ( ) 1 ( E O Z - h g i H t u p t u O o t h g i H 0 30 3s n t Z Q H E t Z H ) 2 ( ) 1 ( E C Z - h g i H t u p t u O o t h g i H 5 35 5s n t V Q H P t H W P P R y a l e D t u p t u O o t h g i H 0 0 60 0 6s n |
Similar Part No. - CAT28F001 |
|
Similar Description - CAT28F001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |