Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME50461ZHB Datasheet(PDF) 4 Page - PerkinElmer Optoelectronics

Part # AME50461ZHB
Description  EMI FILTER HYBRID / HIGH RELIABILITY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

AME50461ZHB Datasheet(HTML) 4 Page - PerkinElmer Optoelectronics

  AME50461ZHB Datasheet HTML 1Page - PerkinElmer Optoelectronics AME50461ZHB Datasheet HTML 2Page - PerkinElmer Optoelectronics AME50461ZHB Datasheet HTML 3Page - PerkinElmer Optoelectronics AME50461ZHB Datasheet HTML 4Page - PerkinElmer Optoelectronics AME50461ZHB Datasheet HTML 5Page - PerkinElmer Optoelectronics AME50461ZHB Datasheet HTML 6Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
www.irf.com
AME270461 Series
Requirement
MIL-STD-883
Method
No
Suffix
ES
Suffix
HB
Suffix
CH
Suffix
Temperature Range
-20 to +85°C
-55°C to +125°C
-55°C to +125°C
-55°C to +125°C
Element Evaluation
MIL-PRF-38534
Internal Visual
2017
‘
Yes
Yes
Yes
Temperature Cycle
1010
Cond B
Cond C
Cond C
Constant Acceleration
2001
500g
Cond A
Cond A
Burn-in
1015
48hrs@ 85
°C
48hrs@ 125°C
160hrs @ 125°C
160hrs @ 125°C
Final Electrical
(Group A)
MIL-PRF-38534
& Specification
25°C
25°C
-55, +25, +125°C
-55, +25, +125°C
Seal, Fine & Gross
1014
Cond A
Cond A, C
Cond A, C
Cond A, C
External Visual
2009
‘
Yes
Yes
Yes
Available Screening Levels and Process Variations for AME270461 Series
Standard
Military Drawing
PIN
Vendor
CAGE
Code
Vendor
Similar
PIN
98026-01HUA
52467
AME270461W/CH
98026-01HUC
52467
AME270461W/CH
98026-01HXA
52467
AME270461X/CH
98026-01HXC
52467
AME270461X/CH
98026-01HYA
52467
AME270461Y/CH
98026-01HYC
52467
AME270461Y/CH
98026-01HZA
52467
AME270461Z/CH
98026-01HZC
52467
AME270461Z/CH
Available Standard Military Drawing (SMD) Cross Reference
* Per Commercial Standards


Similar Part No. - AME50461ZHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AME50461Z IRF-AME50461Z Datasheet
109Kb / 5P
   EMI FILTER HYBRID-HIGH RELIABILITY
AME50461Z-CH IRF-AME50461Z-CH Datasheet
52Kb / 5P
   ADVANCED ANALOG EMI FILTER HYBRID / HIGH RELIABILITY
AME50461Z-ES IRF-AME50461Z-ES Datasheet
52Kb / 5P
   ADVANCED ANALOG EMI FILTER HYBRID / HIGH RELIABILITY
AME50461Z-HB IRF-AME50461Z-HB Datasheet
52Kb / 5P
   ADVANCED ANALOG EMI FILTER HYBRID / HIGH RELIABILITY
AME50461Z/CH IRF-AME50461Z/CH Datasheet
112Kb / 6P
   EMI FILTER HYBRID-HIGH RELIABILITY
More results

Similar Description - AME50461ZHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFH461 IRF-AFH461 Datasheet
112Kb / 5P
   EMI FILTER HYBRID - HIGH RELIABILITY
ARF461 IRF-ARF461_15 Datasheet
105Kb / 4P
   EMI FILTER HYBRID / HIGH RELIABILITY
AMH461 IRF-AMH461_15 Datasheet
124Kb / 6P
   EMI FILTER HYBRID / HIGH RELIABILITY
AMH461 IRF-AMH461 Datasheet
173Kb / 5P
   EMI FILTER HYBRID / HIGH RELIABILITY
AME50DS IRF-AME50DS_15 Datasheet
109Kb / 5P
   EMI FILTER HYBRID-HIGH RELIABILITY
AFH461 IRF-AFH461_15 Datasheet
123Kb / 5P
   EMI FILTER HYBRID - HIGH RELIABILITY
AME270461 IRF-AME270461_15 Datasheet
112Kb / 6P
   EMI FILTER HYBRID-HIGH RELIABILITY
AME28461W/ES IRF-AME28461W/ES Datasheet
109Kb / 5P
   EMI FILTER HYBRID-HIGH RELIABILITY
AME270461 IRF-AME270461 Datasheet
112Kb / 6P
   EMI FILTER HYBRID-HIGH RELIABILITY
AME28461 IRF-AME28461 Datasheet
112Kb / 6P
   EMI FILTER HYBRID-HIGH RELIABILITY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com