Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4015MA-70 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ4015MA-70
Description  512Kx8 Nonvolatile SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4015MA-70 Datasheet(HTML) 1 Page - Texas Instruments

  BQ4015MA-70 Datasheet HTML 1Page - Texas Instruments BQ4015MA-70 Datasheet HTML 2Page - Texas Instruments BQ4015MA-70 Datasheet HTML 3Page - Texas Instruments BQ4015MA-70 Datasheet HTML 4Page - Texas Instruments BQ4015MA-70 Datasheet HTML 5Page - Texas Instruments BQ4015MA-70 Datasheet HTML 6Page - Texas Instruments BQ4015MA-70 Datasheet HTML 7Page - Texas Instruments BQ4015MA-70 Datasheet HTML 8Page - Texas Instruments BQ4015MA-70 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Features
➤ Data retention for at least 10
years without power
➤ Automatic write-protection during
power-up/power-down cycles
➤ Conventional SRAM operation,
including unlimited write cycles
➤ Internal isolation of battery be-
fore power application
➤ Industry standard 32-pin DIP
pinout
➤ 34-pin LIFETIME LITHIUM™
module
- Module completely
surface-mounted
- Snap-on power-source for
lithium battery backup
- Replaceable power-source
(part number: bq40MS)
General Description
The CMOS bq4015/Y is a nonvola-
tile 4,194,304-bit static RAM organ-
ized as 524,288 words by 8 bits. The
integral control circuitry and lith-
ium energy source provide reliable
nonvolatility coupled with the un-
limited write cycles of standard
SRAM.
The control circuitry constantly
monitors the single 5V supply for an
out-of-tolerance condition. When
VCC falls out of tolerance, the SRAM
is unconditionally write-protected to
prevent an inadvertent write opera-
tion.
At this time the integral energy
source is switched on to sustain the
memory until after VCC returns
valid.
The bq4015/Y uses extremely low
standby current CMOS SRAMs, cou-
pled with small lithium coin cells to
provide nonvolatility without long
write-cycle times and the write-cycle
limitations associated with EE-
PROM.
The bq4015/Y requires no external
circuitry and is compatible with the
industry-standard 4Mb SRAM pin-
out.
1
PN401501.eps
32-Pin DIP Module
2
3
4
5
6
7
8
32
31
30
29
28
27
26
25
9
10
24
23
11
12
22
21
13
14
20
19
15
16
18
17
VCC
A15
A17
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
A18
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
Pin Names
A0–A18
Address inputs
DQ0–DQ7 Data input/output
CE
Chip enable input
OE
Output enable input
WE
Write enable input
NC
No connect
VCC
Supply voltage input
VSS
Ground
bq4015/Y
5/99 E
Pin Connections
512Kx8 Nonvolatile SRAM
PN4015Yncm.eps
34-Pin LIFETIME LITHIUM Module
11
12
13
14
15
16
17
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
34
33
32
31
30
29
28
27
26
25
NC
A15
A16
NC
VCC
WE
OE
CE
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
VSS
A18
A17
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Selection Guide
Part
Number
Maximum
Access
Time (ns)
Negative
Supply
Tolerance
Part
Number
Maximum
Access
Time (ns)
Negative
Supply
Tolerance
bq4015x -70
70
-5%
bq4015Yx -70
70
-10%
bq4015x -85
85
-5%
bq4015Yx -85
85
-10%
Note: x = MA for PDIP or MS for LIFETIME LITHIUM module.


Similar Part No. - BQ4015MA-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4015MA-70 TI-BQ4015MA-70 Datasheet
517Kb / 13P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
BQ4015MA-70 TI1-BQ4015MA-70 Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015MA-70 TI1-BQ4015MA-70 Datasheet
359Kb / 15P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015MA-70N TI-BQ4015MA-70N Datasheet
517Kb / 13P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4015MA-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4015 TI-BQ4015 Datasheet
517Kb / 13P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
Eorex Corporation
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
logo
White Electronic Design...
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
WMS512K8BV-XXXE WEDC-WMS512K8BV-XXXE Datasheet
435Kb / 8P
   512Kx8 MONOLITHIC SRAM
logo
List of Unclassifed Man...
WMS512K8V-15 ETC-WMS512K8V-15 Datasheet
103Kb / 9P
   512Kx8 MONOLITHIC SRAM
WMS512K8 ETC1-WMS512K8 Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
logo
White Electronic Design...
WMS512K8V-XXX WEDC-WMS512K8V-XXX Datasheet
277Kb / 9P
   512Kx8 MONOLITHIC SRAM
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
EDI88512CA-RP WEDC-EDI88512CA-RP Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com