Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4015MA-70 Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ4015MA-70
Description  512Kx8 Nonvolatile SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4015MA-70 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ4015MA-70 Datasheet HTML 5Page - Texas Instruments BQ4015MA-70 Datasheet HTML 6Page - Texas Instruments BQ4015MA-70 Datasheet HTML 7Page - Texas Instruments BQ4015MA-70 Datasheet HTML 8Page - Texas Instruments BQ4015MA-70 Datasheet HTML 9Page - Texas Instruments BQ4015MA-70 Datasheet HTML 10Page - Texas Instruments BQ4015MA-70 Datasheet HTML 11Page - Texas Instruments BQ4015MA-70 Datasheet HTML 12Page - Texas Instruments BQ4015MA-70 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
bq4015/Y
Power-Down/Power-Up Cycle (TA = TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions
tPF
VCC slew, 4.75 to 4.25 V
300
-
-
µs
tFS
VCC slew, 4.25 to VSO
10
-
-
µs
tPU
VCC slew, VSO to VPFD (max.)
0
-
-
µs
t
CER
Chip enable recovery time
40
80
120
ms
Time during which
SRAM is write-protected
after VCC passes VPFD on
power-up.
tDR
Data-retention time in
absence of VCC
10
-
-
years
TA = 25°C. (2)
tWPT
Write-protect time
40
100
150
µs
Delay after VCC slews
down past VPFD before
SRAM is write-
protected.
Notes:
1.
Typical values indicate operation at TA = 25°C, VCC = 5V.
2.
Batteries are disconnected from circuit until after VCC is applied for the first time. tDR is the
accumulated time in absence of power beginning when power is first applied to the device.
Caution:
Negative undershoots below the absolute maximum rating of -0.3V in battery-backup mode
may affect data integrity.
Power-Down/Power-Up Timing


Similar Part No. - BQ4015MA-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4015MA-70 TI-BQ4015MA-70 Datasheet
517Kb / 13P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
BQ4015MA-70 TI1-BQ4015MA-70 Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015MA-70 TI1-BQ4015MA-70 Datasheet
359Kb / 15P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015MA-70N TI-BQ4015MA-70N Datasheet
517Kb / 13P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4015MA-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4015 TI-BQ4015 Datasheet
517Kb / 13P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
Eorex Corporation
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
logo
White Electronic Design...
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
WMS512K8BV-XXXE WEDC-WMS512K8BV-XXXE Datasheet
435Kb / 8P
   512Kx8 MONOLITHIC SRAM
logo
List of Unclassifed Man...
WMS512K8V-15 ETC-WMS512K8V-15 Datasheet
103Kb / 9P
   512Kx8 MONOLITHIC SRAM
WMS512K8 ETC1-WMS512K8 Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
logo
White Electronic Design...
WMS512K8V-XXX WEDC-WMS512K8V-XXX Datasheet
277Kb / 9P
   512Kx8 MONOLITHIC SRAM
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
EDI88512CA-RP WEDC-EDI88512CA-RP Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com