Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL55013 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL55013
Description  MMIC Silicon Bipolar Broadband Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55013 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL55013 Datasheet HTML 1Page - Intersil Corporation ISL55013 Datasheet HTML 2Page - Intersil Corporation ISL55013 Datasheet HTML 3Page - Intersil Corporation ISL55013 Datasheet HTML 4Page - Intersil Corporation ISL55013 Datasheet HTML 5Page - Intersil Corporation ISL55013 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
FN6283.0
February 13, 2007
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only.
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage from VSP to GND . . . . . . . . . . . . . . . . . . . . . . . . 6V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . VS+ +0.3V to GND -0.3V
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +125°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +135°C
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . .6000V
Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . . .300V
Thermal Resistance (Typical)
θJA (°C/W)
6 Ld SC-70 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
200
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device.
Electrical Specifications
VSP = +5V, ZRSC = ZLOAD = 50Ω, TA = +25°C, 24Ω VSP to OUT, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VSP
Supply Voltage
To operate below 5V, the 24
Ω resistor to
supply should be reduced
3.0
5.5
V
Gt
Small Signal Gain
1.0GHz
10.6
11.8
13.1
dB
1.5GHz
10
11.2
12.5
dB
2.0GHz
9.8
11.2
12.3
dB
P1dB
Output Power at 1dB Compression
1.0GHz
15.9
17.4
18.9
dBm
2.0GHz
15.5
17
18.5
dBm
OIP3
Output Third Order Intercept Point
1.0GHz
31.5
dBm
2.0GHz
28.3
dBm
OIP2
Output Second Order Intercept Point
Input tones at 1.0GHz and 1.1GHz, at Input
Power = -15dBm, Output tone 2.1GHz
49.1
dBm
BW
3dB Bandwidth
3dB below Gain @ 500MHz
2.8
GHz
IRL
Input Return Loss
1.0GHz
15.8
dB
ORL
Output Return Loss
1.0GHz
15.9
dB
RISOL
Reverse Isolation
2.0GHz
17.8
dB
NF
Noise Figure
2.0GHz
5.0
dB
ID
Device Operating Current
54
62.3
69
mA
ISL55013


Similar Part No. - ISL55013

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL55013 RENESAS-ISL55013 Datasheet
422Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55013IEZ-T7 RENESAS-ISL55013IEZ-T7 Datasheet
422Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
More results

Similar Description - ISL55013

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55012 INTERSIL-ISL55012_07 Datasheet
272Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Renesas Technology Corp
ISL55007 RENESAS-ISL55007 Datasheet
344Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55011 RENESAS-ISL55011 Datasheet
337Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Intersil Corporation
ISL55012IEZ-T7 INTERSIL-ISL55012IEZ-T7 Datasheet
362Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
August 25, 2010
ISL55014IEZ-T7 INTERSIL-ISL55014IEZ-T7 Datasheet
262Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
February 13, 2007
ISL55005 INTERSIL-ISL55005 Datasheet
145Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55010 INTERSIL-ISL55010 Datasheet
138Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55009 INTERSIL-ISL55009 Datasheet
147Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55011 INTERSIL-ISL55011 Datasheet
137Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55007 INTERSIL-ISL55007 Datasheet
144Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Renesas Technology Corp
ISL55010 RENESAS-ISL55010 Datasheet
338Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com