Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3614HV2-T2 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT3614HV2-T2
Description  4-Channel 1-Wire LED Driver in 3x3mm Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3614HV2-T2 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT3614HV2-T2 Datasheet HTML 3Page - Catalyst Semiconductor CAT3614HV2-T2 Datasheet HTML 4Page - Catalyst Semiconductor CAT3614HV2-T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT3614HV2-T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT3614HV2-T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT3614HV2-T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT3614HV2-T2 Datasheet HTML 9Page - Catalyst Semiconductor CAT3614HV2-T2 Datasheet HTML 10Page - Catalyst Semiconductor CAT3614HV2-T2 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CAT3614
© 2006 Catalyst Semiconductor, Inc.
7
Doc. No. 25095, Rev. 01
Characteristics subject to change without notice
Typical Characteristics
VIN = 3.6V, IOUT = 80mA (4 LEDs at 20mA), C1 = C2 = CIN = COUT = 1µF, TAMB = 25°C unless otherwise specified.
Enable and Output Current Dimming Waveforms
Line Transient Response (3.6V to 5.5V) 1x Mode
Enable High Minimum Program Time vs. Temperature
0
40
80
120
160
200
-40
0
40
80
120
TEMPERATURE [°C]
VIN = 4.2V
VIN = 3.5V
Enable Low Minimum Program Time vs.
Temperature
0
40
80
120
160
200
-40
0
40
80
120
TEMPERATURE [°C]
VIN = 4.2V
VIN = 3.5V
Enable Voltage Threshold vs. Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-40
0
40
80
120
TEMPERATURE [°C]
Foldback Current Limit
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
100
200
300
400
OUTPUT CURRENT [mA]
1x Mode
VIN = 3.5V


Similar Part No. - CAT3614HV2-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3614HV2-T2 CATALYST-CAT3614HV2-T2 Datasheet
217Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
logo
ON Semiconductor
CAT3614HV2-T2 ONSEMI-CAT3614HV2-T2 Datasheet
197Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
Doc. No. MD-5035, Rev.C
CAT3614HV2-T2 ONSEMI-CAT3614HV2-T2 Datasheet
164Kb / 12P
   4-Channel 1-Wire LED Driver in 3 x 3 mm Package
April, 2010 ??Rev. 2
More results

Similar Description - CAT3614HV2-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3603 CATALYST-CAT3603 Datasheet
510Kb / 12P
   3-Channel LED Driver in 3x3mm Package
CAT3614 CATALYST-CAT3614_08 Datasheet
217Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
logo
ON Semiconductor
CAT3614HV2-T2 ONSEMI-CAT3614HV2-T2 Datasheet
197Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
Doc. No. MD-5035, Rev.C
CAT3614 ONSEMI-CAT3614 Datasheet
164Kb / 12P
   4-Channel 1-Wire LED Driver in 3 x 3 mm Package
April, 2010 ??Rev. 2
CAT3603HV2 ONSEMI-CAT3603HV2 Datasheet
381Kb / 12P
   3-Channel LED Driver in 3 x 3mm Package
Doc. No. MD-5017 Rev. F
logo
SG Micro Corp
SGM3132 SGMICRO-SGM3132_16 Datasheet
3Mb / 11P
   4-Channel 1-Wire Dimming LED Driver with Ultra-Low Dropout Current Source
logo
Shanghai awinic technol...
AW9364 AWINIC-AW9364 Datasheet
821Kb / 14P
   4-Channel 1-wire Dimming LED Driver with Ultra Low Dropout Current Source
logo
Renesas Technology Corp
ISL97632 RENESAS-ISL97632 Datasheet
508Kb / 10P
   LED Driver with 1-Wire Dimming
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_10 Datasheet
175Kb / 9P
   LED Driver with 1-Wire Dimming
logo
ON Semiconductor
CAT3604V ONSEMI-CAT3604V_14 Datasheet
233Kb / 13P
   4-Channel LED Driver
August, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com