Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3616HV4 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT3616HV4
Description  6-Channel Charge Pump LED Driver with EZDimTM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3616HV4 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT3616HV4 Datasheet HTML 4Page - Catalyst Semiconductor CAT3616HV4 Datasheet HTML 5Page - Catalyst Semiconductor CAT3616HV4 Datasheet HTML 6Page - Catalyst Semiconductor CAT3616HV4 Datasheet HTML 7Page - Catalyst Semiconductor CAT3616HV4 Datasheet HTML 8Page - Catalyst Semiconductor CAT3616HV4 Datasheet HTML 9Page - Catalyst Semiconductor CAT3616HV4 Datasheet HTML 10Page - Catalyst Semiconductor CAT3616HV4 Datasheet HTML 11Page - Catalyst Semiconductor CAT3616HV4 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CAT3616
Doc. No. 5018 Rev. A
8
© 2006 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PIN DESCRIPTIONS
Pin #
Name
Function
1
MAIN1
MAIN1 LED cathode terminal (if not used, connect to VOUT)
1
2
ENM
¯¯¯
Enable main LED (MAIN1 to MAIN4) input. Active low
3
ENS
¯¯¯
Enable sub LED (SUB1, SUB2) input. Active low
4
EN
Device enable input. Active high.
5
VOUT
Charge pump output connected to the LED anodes
6
VIN
Supply voltage.
7, 8
C1-, C1+
Bucket capacitor 1 terminal
9, 10
C2-, C2+
Bucket capacitor 2 terminal
11
GND
Ground reference
12
SUB2
SUB2 LED cathode terminal (if not used, connect to VOUT)
1
13
SUB1
SUB1 LED cathode terminal (if not used, connect to VOUT)
1
14
MAIN4
MAIN4 LED cathode terminal (if not used, connect to VOUT)
1
15
MAIN3
MAIN3 LED cathode terminal (if not used, connect to VOUT)
1
16
MAIN2
MAIN2 LED cathode terminal (if not used, connect to VOUT)
1
TAB
TAB
Connect to Ground on PCB
Note:
(1) MAIN1 to MAIN4, SUB1, SUB2 pins should not be left floating. They should be connected to the LED cathode, or tied to VOUT pin if not
used.
PIN FUNCTION
VIN is the supply pin for the charge pump. A small
1
µF ceramic bypass capacitor is required between the
VIN pin and ground near the device. The operating
input voltage range is up to 5.5V. When the input
supply falls below the undervoltage threshold (2V), all
LED channels are disabled.
EN is the enable logic input. Logic level for high and
low are set at 1.3V and 0.4V respectively. When EN is
initially taken high, the device becomes enabled and
all LED currents remain at 0mA. To place the device
into zero current shutdown mode, the EN pin must be
held low for 1.5ms or more.
ENM
¯¯¯, ENS
¯¯¯ are the active low enable/ dimming control
logic inputs for respectively main and sub LED
channels. The falling edge of the first pulse applied to
ENM
¯¯¯ and ENS
¯¯¯ sets the current for respectively the
main and sub LED channels to their full scale of
31mA. On each consecutive falling edge of the pulse
applied to ENM
¯¯¯ and ENS
¯¯¯, the LED current is
decreased by 1mA step. On the 32
nd pulse, the LED
current is set to zero. The next pulse resets the
current back to the full scale of 31mA.
VOUT is the charge pump output that is connected to
the LED anodes. A small 1
µF ceramic bypass capacitor
is required between the VOUT pin and ground near
the device.
GND is the ground reference for the charge pump.
The pin must be connected to the ground plane on the
PCB.
C1+, C1- are connected to each side of the 1µF
ceramic bucket capacitor C1.
C2+, C2- are connected to each side of the 1µF
ceramic bucket capacitor C2.
MAIN1-4, SUB1-2 provide the internal regulated
current for each of the LED cathodes. These pins
enter a high impedance zero current state whenever
the device is placed in shutdown mode. In
applications using less than six LEDs, the unused
channels should be wired directly to VOUT. This
ensures the channel is automatically disabled
dissipating less than 200µA.
TAB is the exposed pad underneath the package. For
best thermal performance, the tab should be soldered
to the PCB and connected to the ground plane.


Similar Part No. - CAT3616HV4

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3616HV4-GT2 CATALYST-CAT3616HV4-GT2 Datasheet
368Kb / 14P
   6-Channel Charge Pump LED Driver with EZDimTM
logo
ON Semiconductor
CAT3616HV4-GT2 ONSEMI-CAT3616HV4-GT2 Datasheet
322Kb / 14P
   6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT3616HV4-T2 CATALYST-CAT3616HV4-T2 Datasheet
368Kb / 14P
   6-Channel Charge Pump LED Driver with EZDimTM
logo
ON Semiconductor
CAT3616HV4-T2 ONSEMI-CAT3616HV4-T2 Datasheet
322Kb / 14P
   6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
More results

Similar Description - CAT3616HV4

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3616 CATALYST-CAT3616_08 Datasheet
368Kb / 14P
   6-Channel Charge Pump LED Driver with EZDimTM
logo
ON Semiconductor
CAT3616 ONSEMI-CAT3616 Datasheet
322Kb / 14P
   6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
Asahi Kasei Microsystem...
AK7864 AKM-AK7864 Datasheet
217Kb / 12P
   3 channel LED driver with Charge Pump
AK7864A AKM-AK7864A Datasheet
294Kb / 13P
   3 channel LED driver with Charge Pump
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606_08 Datasheet
367Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
   6-Channel High Efficiency Charge Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144_16 Datasheet
2Mb / 12P
   6-Channel PWM Dimming Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606 ONSEMI-CAT3606 Datasheet
259Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
January, 2010 ??Rev. 3
logo
Eutech Microelectronics...
EUP3654 EUTECH-EUP3654 Datasheet
82Kb / 1P
   6 Channel, 1X/1.5X Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com